Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Device Datasheet(PDF) 15 Page - ON Semiconductor

Part # Device
Description  1A CMOS Low-Dropout Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Device Datasheet(HTML) 15 Page - ON Semiconductor

Back Button Device Datasheet HTML 9Page - ON Semiconductor Device Datasheet HTML 10Page - ON Semiconductor Device Datasheet HTML 11Page - ON Semiconductor Device Datasheet HTML 12Page - ON Semiconductor Device Datasheet HTML 13Page - ON Semiconductor Device Datasheet HTML 14Page - ON Semiconductor Device Datasheet HTML 15Page - ON Semiconductor Device Datasheet HTML 16Page - ON Semiconductor Device Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
NCP694
http://onsemi.com
15
ORDERING INFORMATION
Device
Nominal
Output Voltage
Description
Marking
Package
Shipping†
NCP694HADJHT1G
adj.
Enable High
L 0 0 B
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694H08HT1G
0.8 V
Enable High
L 0 8 B
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694H10HT1G
1.0 V
Enable High
L 1 0 B
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694H12HT1G
1.2 V
Enable High
L 1 2 B
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694H25HT1G
2.5 V
Enable High
L 2 5 B
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694H33HT1G
3.3 V
Enable High
L 3 3 B
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694DADJHT1G
adj.
Enable High −
Auto discharge
L 0 0 D
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694D08HT1G
0.8 V
Enable High −
Auto discharge
L 0 8 D
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694D10HT1G
1.0 V
Enable High −
Auto discharge
L 1 0 D
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694D12HT1G
1.2 V
Enable High −
Auto discharge
L 1 2 D
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694D25HT1G
2.5V
Enable High −
Auto discharge
L 2 5 D
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694D33HT1G
3.3 V
Enable High −
Auto discharge
L 3 3 D
SOT−89−5
(Pb−Free)
1000 / Tape & Reel
NCP694HSANADJT1G
adj.
Enable High
H 0 0 B
HSON−6
(Pb−Free)
3000 / Tape & Reel
NCP694HSAN08T1G
0.8 V
Enable High
H 0 8 B
HSON−6
(Pb−Free)
3000 / Tape & Reel
NCP694HSAN10T1G
1.0 V
Enable High
H 1 0 B
HSON−6
(Pb−Free)
3000 / Tape & Reel
NCP694HSAN12T1G
1.2 V
Enable High
H 1 2 B
HSON−6
(Pb−Free)
3000 / Tape & Reel
NCP694HSAN25T1G
2.5 V
Enable High
H 2 5 B
HSON−6
(Pb−Free)
3000 / Tape & Reel
NCP694HSAN33T1G
3.3 V
Enable High
H 3 3 B
HSON−6
(Pb−Free)
3000 / Tape & Reel
NCP694DSANADJT1G
adj.
Enable High −
Auto discharge
H 0 0 D
HSON−6
(Pb−Free)
3000 / Tape & Reel
NCP694DSAN08T1G
0.8 V
Enable High −
Auto discharge
H 0 8 D
HSON−6
(Pb−Free)
3000 / Tape & Reel
NCP694DSAN10T1G
1.0 V
Enable High −
Auto discharge
H 1 0 D
HSON−6
(Pb−Free)
3000 / Tape & Reel
NCP694DSAN12T1G
1.2 V
Enable High −
Auto discharge
H 1 2 D
HSON−6
(Pb−Free)
3000 / Tape & Reel
NCP694DSAN25T1G
2.5 V
Enable High −
Auto discharge
H 2 5 D
HSON−6
(Pb−Free)
3000 / Tape & Reel
NCP694DSAN33T1G
3.3 V
Enable High −
Auto discharge
H 3 3 D
HSON−6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com