Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Device Datasheet(PDF) 13 Page - ON Semiconductor

Part # Device
Description  1A CMOS Low-Dropout Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Device Datasheet(HTML) 13 Page - ON Semiconductor

Back Button Device Datasheet HTML 9Page - ON Semiconductor Device Datasheet HTML 10Page - ON Semiconductor Device Datasheet HTML 11Page - ON Semiconductor Device Datasheet HTML 12Page - ON Semiconductor Device Datasheet HTML 13Page - ON Semiconductor Device Datasheet HTML 14Page - ON Semiconductor Device Datasheet HTML 15Page - ON Semiconductor Device Datasheet HTML 16Page - ON Semiconductor Device Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NCP694
http://onsemi.com
13
TYPICAL CHARACTERISTICS
Figure 31. Output Voltage vs. CE Pin Turn−On NCP694Dx08xx
Figure 32. Output Voltage vs. CE Pin Turn−On NCP694Dx33xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com