Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3150GGP Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 4Page - Texas Instruments TNETX3150GGP Datasheet HTML 5Page - Texas Instruments TNETX3150GGP Datasheet HTML 6Page - Texas Instruments TNETX3150GGP Datasheet HTML 7Page - Texas Instruments TNETX3150GGP Datasheet HTML 8Page - Texas Instruments TNETX3150GGP Datasheet HTML 9Page - Texas Instruments TNETX3150GGP Datasheet HTML 10Page - Texas Instruments TNETX3150GGP Datasheet HTML 11Page - Texas Instruments TNETX3150GGP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
10-Mbit/s MAC interface (ports 03–14) (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
M03TCLK
G2
M04TCLK
K1
M05TCLK
M2
M06TCLK
U2
M07TCLK
Y1
M08TCLK
AA1
I
Transmit clock MXXTCLK is the transmit clock from the attached PHY or test device
M09TCLK
AE4
I
Transmit clock. MXXTCLK is the transmit clock from the attached PHY or test device.
M10TCLK
AE7
M11TCLK
AF10
M12TCLK
AE12
M13TCLK
AE15
M14TCLK
AF18
M03TXD
G1
M04TXD
J1
M05TXD
M1
M06TXD
U1
M07TXD
W1
M08TXD
AB1
O
Transmit data MXXTXD is the transmit data leaving port XX when MXXTXEN is asserted
M09TXD
AF4
O
Transmit data. MXXTXD is the transmit data leaving port XX when MXXTXEN is asserted.
M10TXD
AF7
M11TXD
AF9
M12TXD
AF12
M13TXD
AF15
M14TXD
AF17
M03TXEN
F2
M04TXEN
J3
M05TXEN
L1
M06TXEN
T1
M07TXEN
W2
M08TXEN
AB3
O
Transmit enable. MXXTXEN indicates valid transmit data on MXXTXD.
High = valid transmit data on MXXTXD
M09TXEN
AD4
O
High = valid transmit data on MXXTXD
Low = no valid transmit data on MXXTXD
M10TXEN
AE6
Low
no valid transmit data on MXXTXD
M11TXEN
AD9
M12TXEN
AF11
M13TXEN
AD15
M14TXEN
AE17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com