| Electronic Components Datasheet Search |
|
TNETX3150GGP Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150GGP Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions 10-Mbit/s MAC interface (ports 03–14) TERMINAL I/O DESCRIPTION NAME NO. I/O DESCRIPTION M03COL F4 M04COL H4 M05COL L4 M06COL T4 M07COL W4 Collision sense In carrier sense multiple access with collision detection (CSMA/CD) mode M08COL AA4 I Collision sense. In carrier sense multi le access with collision detection (CSMA/CD) mode, assertion of MXXCOL indicates network collision. M09COL AC2 I High = network collision Low no network collision M10COL AC6 Low = no network collision M11COL AC8 M12COL AC11 M13COL AC14 M14COL AD17 M03CRS F3 M04CRS H3 M05CRS L3 M06CRS T3 M07CRS W3 M08CRS AA3 I Carrier sense. MXXCRS indicates a frame carrier signal is being received. High = frame carrier signal is being received M09CRS AF3 I High = frame carrier signal is being received Low = no frame carrier signal is being received M10CRS AD6 Low no frame carrier signal is being received M11CRS AD8 M12CRS AD11 M13CRS AC15 M14CRS AC17 M03DUPLEX E4 M04DUPLEX G4 M05DUPLEX K4 M06DUPLEX R4 M07DUPLEX U4 M08DUPLEX Y4 I/O Duplex selector. MXXDUPLEX switches the interface between full- and half-duplex operation (low = half duplex high = full duplex) M03DUPLEX–M14DUPLEX inputs have active pulldown M09DUPLEX AC3 I/O (low = half du lex, high = full du lex). M03DUPLEX–M14DUPLEX in uts have active ulldown circuits used to force the outputs low when the FORCEHD bit is set. M10DUPLEX AC5 circuits used to force the out uts low when the FORCEHD bit is set. M11DUPLEX AC7 M12DUPLEX AC10 M13DUPLEX AD12 M14DUPLEX AC16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |