Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX3150GGP Datasheet(PDF) 39 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 35Page - Texas Instruments TNETX3150GGP Datasheet HTML 36Page - Texas Instruments TNETX3150GGP Datasheet HTML 37Page - Texas Instruments TNETX3150GGP Datasheet HTML 38Page - Texas Instruments TNETX3150GGP Datasheet HTML 39Page - Texas Instruments TNETX3150GGP Datasheet HTML 40Page - Texas Instruments TNETX3150GGP Datasheet HTML 41Page - Texas Instruments TNETX3150GGP Datasheet HTML 42Page - Texas Instruments TNETX3150GGP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TNETX3150/TNETX3150A condensed DIO memory map (continued)
Table 8. TNETX3150/TNETX3150A Condensed DIO Memory Map
DIO ADDRESS (BIT 15–0)
SHOWN IN HEX FORMAT
DESCRIPTION
AREA OF TNETX3150/
TNETX3150A
0000–0077
Port 00–14 control/status and address registers†
Configuration
0080–009D
Port 00–14 transmit queue length†
Configuration
009E–009F
Reserved†
Configuration
00A0
Revision register†
Configuration
00A1
SIO/SCTRL register†
Configuration
00A2
NMON register†
Configuration
00A3
Reserved†
Configuration
00A4–00C1
Port 00–14 VLAN registers†
Configuration
00C2
RAM size register†
Configuration
00C3
System control register†
Configuration
00C4–00D3
Reserved
Configuration
00D4–00D7
DRAM data
Internal test
00D8
DRAM flag
Internal test
00D9–00DB
DRAM address
Internal test
00DC
Reserved
Internal test
00DD
DIATST
Internal test
00DE–3FFF
Reserved
Internal test
4000–7FFF
Hardware reset if written
Internal test
8000–877F
Port 00–14 statistics
Statistics RAM
8780–87F7
Port 00–14 collisions and RX overruns
Statistics RAM
87F8–87FF
Reserved
Statistics RAM
8800–8877
Port 00–14 TXQ registers
Statistics RAM
8878–887F
Reserved
Statistics RAM
8880–88F7
Port 00–14 IMQ registers
Statistics RAM
88F8–88FF
Reserved
Statistics RAM
8900–8977
Port 00–14 RXQ registers
Statistics RAM
8978–9FFF
Reserved
Statistics RAM
A000–A1FF
Port 13 RX FIFO block 0–3
FIFO RAM block 3
A200–A3FF
Port 13 TX FIFO block 0–3
FIFO RAM block 3
A400–A5FF
Port 14 RX FIFO block 0–3
FIFO RAM block 3
A600–A7FF
Port 14 TX FIFO block 0–3
FIFO RAM block 3
A800–CBFF
Reserved
FIFO RAM block 3
CC00-CDFF
Port 00 RX FIFO block 0–3
FIFO RAM block 1
CE00–CFFF
Port 00 TX FIFO block 0–3
FIFO RAM block 1
† These registers are automatically loaded from the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com