Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C31PQL60 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 18Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 19Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 20Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 21Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 22Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 23Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 24Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 25Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
XF0 timing when executing STFI and STII†
The following table defines the timing parameters for the XF0 pin during execution of STFI or STII. The number
shown in Figure 16 corresponds with the number in the NO. column of the table below.
timing parameters for XF0 when executing STFI or STII (see Figure 16)
NO.
’LC31-33
’C31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
28
td(H3H-XF0H)
Delay time, H3 high to XF0
high
15
13
12
11
8
ns
† XF0 is always set high at the beginning of the execute phase of the interlock-store instruction. When no pipeline conflicts occur, the address of
the store is also driven at the beginning of the execute phase of the interlock-store instruction. However, if a pipeline conflict prevents the store
from executing, the address of the store will not be driven until the store can execute.
H3
H1
STRB
R/W
A
D
RDY
XF0 Pin
Fetch
STFI or STII
Read
Execute
28
Decode
Figure 16. Timing for XF0 When Executing an STFI or STII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com