Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C31PQL60 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 33Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 34Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 35Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 36Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 37Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 38Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 39Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 40Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
data-rate timing modes
Unless otherwise indicated, the data-rate timings shown in Figure 25 and Figure 26 are valid for all serial-port
modes, including handshake. For a functional description of serial-port operation refer to subsection 8.2.12 of
the
TMS320C3x User’s Guide (literature number SPRU031).
The serial-port timing parameters for seven ’C3x devices are defined in the preceding “serial-port timing
parameters” tables (such as “serial-port timing parameters for TMS320C31-60”). The numbers shown in
Figure 25 and Figure 26 correspond with those in the NO. column of each table.
FSX(EXT)
FSX(INT)
FSR
DR
DX
CLKX/R
H1
61
57
58
55
56
56
60
65
64
62
64
63
62
66
54
54
68
Bit 0
Bit
n-1
Bit
n-2
Bit
n-1
Bit
n-2
59
NOTES: A. Timing diagrams show operations with CLKXP = CLKRP = FSXP = FSRP = 0.
B. Timing diagrams depend on the length of the serial-port word, where n = 8, 16, 24, or 32 bits, respectively.
Figure 25. Timing for Fixed Data-Rate Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com