Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C31PQL60 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320C31PQL60
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL60 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320C31PQL60 Datasheet HTML 35Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 36Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 37Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 38Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 39Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 40Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 41Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 42Page - Texas Instruments TMS320C31PQL60 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
HOLD timing
HOLD is an asynchronous input that can be asserted at any time during a clock cycle. If the specified timings are met, the exact sequence
shown in Figure 27 occurs; otherwise, an additional delay of one clock cycle is possible.
The table, “timing parameters for HOLD / HOLDA”, defines the timing parameters for the HOLD and HOLDA signals. The numbers shown in
Figure 27 correspond with those in the NO. column of the table.
The NOHOLD bit of the primary-bus control register overrides the HOLD signal. When this bit is set, the device comes out of hold and prevents
future hold cycles.
Asserting HOLD prevents the processor from accessing the primary bus. Program execution continues until a read from or a write to the
primary bus is requested. In certain circumstances, the first write is pending, thus allowing the processor to continue until a second write is
encountered.
timing parameters for HOLD/HOLDA (see Figure 27)
NO.
’LC31-33
’C31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
69
tsu(HOLD-H1L)
Setup time, HOLD before H1 low
15
13
10
8
5
ns
70
tv(H1L-HOLDA)
Valid time, HOLDA after H1 low
0†
10
0†
9
0†
7
0†
6
0†
5
ns
71
tw(HOLD)‡
Pulse duration, HOLD low
2tc(H)
2tc(H)
2tc(H)
2tc(H)
2tc(H)
ns
72
tw(HOLDA)
Pulse duration, HOLDA low
tcH–5†
tcH–5†
tcH –5†
tcH –5†
tcH–5†
ns
73
td(H1L-SH)H
Delay time, H1 low to STRB high for a HOLD
10
9
7
6
4
ns
74
tdis(H1L-S)
Disable time, H1 low to STRB to the
high-impedance state
10†
9†
8†
7†
7†
ns
75
ten(H1L-S)
Enable time, H1 low to STRB enabled (active)
10
9
7
6
6
ns
76
tdis(H1L-RW)
Disable time, H1 low to R/W to the
high-impedance state
0†
10†
0†
9†
0†
8†
0†
7†
0†
6†
ns
77
ten(H1L-RW)
Enable time, H1 low to R/W enabled (active)
0†
10
0†
9
0†
7
0†
6
0†
6
ns
78
tdis(H1L-A)
Disable time, H1 low to address to the
high-impedance state
10†
10†
8†
7†
7†
ns
79
ten(H1L-A)
Enable time, H1 low to address enabled (valid)
15
13
12
11
10
ns
80
tdis(H1H-D)
Disable time, H1 high to data to the
high-impedance state
10†
9†
8†
7†
6†
ns
† This value is characterized but not tested
‡ HOLD is an asynchronous input and can be asserted at any point during a clock cycle. If the specified timings are met, the exact sequence shown in Figure 27 occurs; otherwise,
an additional delay of one clock cycle is possible.
§ Not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com