Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCS7478 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADCS7478
Description  1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS7478 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADCS7478 Datasheet HTML 1Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 2Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 3Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 4Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 5Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 6Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 7Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 8Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Ordering Information
Order Code
Temperature Range
Description
Top Mark
ADCS7476AIMF
−40˚C to +125˚C
6-Lead, SOT-23 Package
X01A
ADCS7477AIMF
−40˚C to +85˚C
6-Lead, SOT-23 Package
X02A
ADCS7478AIMF
−40˚C to +85˚C
6-Lead, SOT-23 Package
X03A
ADCS7476AIMFX
−40˚C to +125˚C
6-Lead SOT-23 Package, Tape & Reel
X01A
ADCS7477AIMFX
−40˚C to +85˚C
6-Lead SOT-23 Package, Tape & Reel
X02A
ADCS7478AIMFX
−40˚C to +85˚C
6-Lead SOT-23 Package, Tape & Reel
X03A
Pin Descriptions
Pin No.
Symbol
Description
ANALOG I/O
3V
IN
Analog input. This signal can range from 0V to V
DD.
DIGITAL I/O
4
SCLK
Digital clock input. The range of frequencies for this input is 10 kHz to 20 MHz, with
guaranteed performance at 20 MHz. This clock directly controls the conversion and readout
processes.
5
SDATA
Digital data output. The output words are clocked out of this pin by the SCLK pin.
6CS
Chip select. A conversion process begins on the falling edge of CS.
POWER SUPPLY
1V
DD
Positive supply pin. These pins should be connected to a quiet +2.7V to +5.25V source and
bypassed to GND with 0.1 µF and 1 µF monolithic capacitors located within 1 cm of the
power pin. The ADCS7476/77/78 uses this power supply as a reference, so it should be
thoroughly bypassed.
2
GND
The ground return for the supply.
Block Diagram
20057718
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com