Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCS7478 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADCS7478
Description  1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS7478 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADCS7478 Datasheet HTML 4Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 5Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 6Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 7Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 8Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 9Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 10Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 11Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ADCS7476/ADCS7477/ADCS7478 Specifications(Note 2) (Continued)
ADCS7478 Converter Electrical Characteristics (Continued)
The following specifications apply for V
DD = +2.7V to 5.25V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS unless otherwise noted. Bold-
face limits apply for T
A = −40˚C to +85˚C: all other limits TA = 25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
DIGITAL OUTPUT CHARACTERISTICS
V
OH
Output High Voltage
I
SOURCE = 200 µA,
V
DD = +2.7V to +5.25V
V
DD −0.2
V (min)
V
OL
Output Low Voltage
I
SINK = 200 µA
0.4
V (max)
I
OL
TRI-STATE Leakage Current
±10
µA (max)
C
OUT
TRI-STATE Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
AC ELECTRICAL CHARACTERISTICS
f
SCLK
Clock Frequency
20
MHz (max)
DC
SCLK Duty Cycle
40
60
% (min)
% (max)
t
TH
Track/Hold Acquisition Time
400
ns (max)
f
RATE
Throughput Rate
See Applications Section
1
MSPS (min)
t
AD
Aperture Delay
3
ns
t
AJ
Aperture Jitter
30
ps
Note 1: Absolute maximum ratings are limiting values, to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not implied. Exposure to maximum ratings for extended periods may affect device reliability.
Note 2: Data sheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 3: Except power supply pins.
Note 4: Independent of supply voltage.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com