Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCS7478 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADCS7478
Description  1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS7478 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADCS7478 Datasheet HTML 1Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 2Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 3Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 4Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 5Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 6Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 7Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 8Page - National Semiconductor (TI) ADCS7478 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage V
DD
−0.3V to +6.5V
Voltage on Any Analog Pin to GND
−0.3V to V
DD +0.3V
Voltage on Any Digital Pin to GND
-0.3V to 6.5V
Input Current at Any Pin (Note 3)
±10 mA
ESD Susceptibility
Human Body Model
Machine Model
3500V
200V
Soldering Temperature, Infrared,
10 seconds
215˚C
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings
Operating Temperature Range
T
MIN = −40˚C
≤ T
A
≤ T
MAX = +125˚C
V
DD Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
(Note 4)
+2.7V to +5.25V
Package Thermal Resistance
Package
θ
JA
6-Lead, SOT-23
265˚C / W
ADCS7476/ADCS7477/ADCS7478 Specifications(Note 2)
ADCS7476 Converter Electrical Characteristics
The following specifications apply for V
DD = +2.7V to 5.25V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS unless otherwise noted. Bold-
face limits apply for T
A = −40˚C to +85˚C: all other limits TA = 25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
STATIC CONVERTER CHARACTERISTICS (V
DD = 2.7V to 3.6V)
Resolution with No Missing Codes
−40˚C
≤ T
A
≤ 125˚C
12
Bits
INL
Integral Non-Linearity
−40˚C
≤ T
A
≤ 85˚C
±0.4
±1
LSB (max)
T
A = 125˚C
+1
-1.1
LSB (min)
LSB (max)
DNL
Differential Non-Linearity
−40˚C
≤ T
A
≤ 85˚C
+0.5
-0.3
+1
-0.9
LSB (max)
LSB (min)
T
A = 125˚C
±1
LSB (max)
V
OFF
Offset Error
−40˚C
≤ T
A
≤ 125˚C
±0.1
±1.2
LSB (max)
GE
Gain Error
−40˚C
≤ T
A
≤ 125˚C
±0.2
±1.2
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS (f
IN = 100 kHz, -0.02 dBFS sine wave unless otherwise noted)
SINAD
Signal-to-Noise Plus Distortion Ratio
−40˚C
≤ T
A
≤ 125˚C
72
70
dB (min)
SNR
Signal-to-Noise Ratio
−40˚C
≤ T
A
≤ 85˚C
72.5
70.8
dB (min)
T
A = 125˚C
70.6
dB (min)
THD
Total Harmonic Distortion
-80
dB
SFDR
Spurious-Free Dynamic Range
82
dB
IMD
Intermodulation Distortion, Second
Order Terms
f
a = 103.5 kHz, fb = 113.5 kHz
-78
dB
Intermodulation Distortion, Third
Order Terms
f
a = 103.5 kHz, fb = 113.5 kHz
-78
dB
FPBW
-3 dB Full Power Bandwidth
+5V Supply
11
MHz
+3V Supply
8
MHz
POWER SUPPLY CHARACTERISTICS
V
DD
Supply Voltage
−40˚C
≤ T
A
≤ 125˚C
2.7
V (min)
5.25
V (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com