Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM607 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM607
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM607 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM607 Datasheet HTML 11Page - National Semiconductor (TI) LM607 Datasheet HTML 12Page - National Semiconductor (TI) LM607 Datasheet HTML 13Page - National Semiconductor (TI) LM607 Datasheet HTML 14Page - National Semiconductor (TI) LM607 Datasheet HTML 15Page - National Semiconductor (TI) LM607 Datasheet HTML 16Page - National Semiconductor (TI) LM607 Datasheet HTML 17Page - National Semiconductor (TI) LM607 Datasheet HTML 18Page - National Semiconductor (TI) LM607 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Typical Dynamic Performance Characteristics The following curves apply for 12-bit + sign
mode after auto-calibration unless otherwise specified. (Continued)
Bipolar Spurious Free
Dynamic Range
Unipolar Signal-to-Noise Ratio
vs Input Frequency
Unipolar Signal-to-Noise
+ Distortion Ratio
vs Input Frequency
01135474
01135475
01135476
Unipolar Signal-to-Noise
+ Distortion Ratio
vs Input Signal Level
Unipolar Spectral Response
with 1 kHz Sine Wave Input
Unipolar Spectral Response
with 10 kHz Sine Wave Input
01135477
01135478
01135479
Unipolar Spectral Response
with 20 kHz Sine Wave Input
Unipolar Spectral Response
with 30 kHz Sine Wave Input
Unipolar Spectral Response
with 40 kHz Sine Wave Input
01135480
01135481
01135482
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com