Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM607 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM607
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM607 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM607 Datasheet HTML 2Page - National Semiconductor (TI) LM607 Datasheet HTML 3Page - National Semiconductor (TI) LM607 Datasheet HTML 4Page - National Semiconductor (TI) LM607 Datasheet HTML 5Page - National Semiconductor (TI) LM607 Datasheet HTML 6Page - National Semiconductor (TI) LM607 Datasheet HTML 7Page - National Semiconductor (TI) LM607 Datasheet HTML 8Page - National Semiconductor (TI) LM607 Datasheet HTML 9Page - National Semiconductor (TI) LM607 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
+ =V
A+=VD+ = +5.0 VDC,VREF+ = +4.096 VDC,VREF−=0 VDC, 12-bit + sign conver-
sion mode, f
CK =fSK = 8 MHz for the ADC12H030, ADC12H032, ADC12H034 and ADC12H038, fCK =fSK = 5 MHz for the
ADC12030, ADC12032, ADC12034 and ADC12038, R
S =25
Ω, source impedance for V
REF+ and VREF−
≤ 25Ω, fully-differential
input with fixed 2.048V common-mode voltage, and 10(t
CK) acquisition time unless otherwise specified. Boldface limits apply
for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
+INL
Positive Integral Linearity Error
8-bit + sign mode (Note 12)
±1/2
LSB (max)
−INL
Negative Integral Linearity Error
8-bit + sign mode (Note 12)
±1/2
LSB (max)
DNL
Differential Non-Linearity
8-bit + sign mode
±3/4
LSB (max)
Positive Full-Scale Error
8-bit + sign mode (Note 12)
±1/2
LSB (max)
Negative Full-Scale Error
8-bit + sign mode (Note 12)
±1/2
LSB (max)
Offset Error
8-bit + sign mode,
after Auto-Zero (Note 13)
±1/2
LSB (max)
V
IN(+)=VIN(−) = + 2.048V
TUE
Total Unadjusted Error
8-bit + sign mode
after Auto-Zero
±3/4
LSB (max)
(Notes 12, 13, 14)
Multiplexer Channel
to Channel Matching
±0.05
LSB
Power Supply Sensitivity
V
+ = +5V ±10%
V
REF = +4.096V
Offset Error
±0.5
±1
LSB (max)
+ Full-Scale Error
±0.5
±1.5
LSB (max)
− Full-Scale Error
±0.5
±1.5
LSB (max)
+ Integral Linearity Error
±0.5
LSB
− Integral Linearity Error
±0.5
LSB
Output Data from
(Note 20)
+10
LSB (max)
“12-Bit Conversion of Offset”
−10
LSB (min)
(see Table 5)
Output Data from
(Note 20)
4095
LSB (max)
“12-Bit Conversion of Full-Scale”
4093
LSB (min)
(see Table 5)
UNIPOLAR DYNAMIC CONVERTER CHARACTERISTICS
S/(N+D)
Signal-to-Noise Plus
f
IN = 1 kHz, VIN =5 VPP,VREF
+ = 5.0V
69.4
dB
Distortion Ratio
f
IN = 20 kHz, VIN =5 VPP,VREF
+ = 5.0V
68.3
dB
f
IN = 40 kHz, VIN =5 VPP,VREF+ = 5.0V
65.7
dB
−3 dB Full Power Bandwidth
V
IN =5 VPP, where S/(N+D) drops 3 dB
31
kHz
DIFFERENTIAL DYNAMIC CONVERTER CHARACTERISTICS
S/(N+D)
Signal-to-Noise Plus
f
IN = 1 kHz, VIN = ±5V, VREF
+ = 5.0V
77.0
dB
Distortion Ratio
f
IN = 20 kHz, VIN = ±5V, VREF
+ = 5.0V
73.9
dB
f
IN = 40 kHz, VIN = ±5V, VREF
+ = 5.0V
67.0
dB
−3 dB Full Power Bandwidth
V
IN = ±5V, where S/(N+D) drops 3 dB
40
kHz
REFERENCE INPUT, ANALOG INPUTS AND MULTIPLEXER CHARACTERISTICS
C
REF
Reference Input Capacitance
85
pF
C
A/D
A/DIN1 and A/DIN2 Analog
75
pF
Input Capacitance
A/DIN1 and A/DIN2 Analog
V
IN = +5.0V or
±0.1
±1.0
µA (max)
Input Leakage Current
V
IN =0V
CH0–CH7 and COM
GND − 0.05
V (min)
Input Voltage
V
A+ + 0.05
V (max)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com