Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM607 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM607
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM607 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM607 Datasheet HTML 25Page - National Semiconductor (TI) LM607 Datasheet HTML 26Page - National Semiconductor (TI) LM607 Datasheet HTML 27Page - National Semiconductor (TI) LM607 Datasheet HTML 28Page - National Semiconductor (TI) LM607 Datasheet HTML 29Page - National Semiconductor (TI) LM607 Datasheet HTML 30Page - National Semiconductor (TI) LM607 Datasheet HTML 31Page - National Semiconductor (TI) LM607 Datasheet HTML 32Page - National Semiconductor (TI) LM607 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Application Hints (Continued)
1.6 User Mode and Test Mode
An instruction may be issued to the ADC to put it into test
mode. Test mode is used by the manufacturer to verify
complete functionality of the device. During test mode
CH0–CH7 become active outputs. If the device is inadvert-
ently put into the test mode with CS continuously low, the
serial communications may be desynchronized. Synchroni-
zation may be regained by cycling the power supply voltage
to the device. Cycling the power supply voltage will also set
the device into user mode. If CS is used in the serial inter-
face, the ADC may be queried to see what mode it is in. This
is done by issuing a “read STATUS register” instruction to the
ADC. When bit 9 of the status register is high, the ADC is in
test mode; when bit 9 is low the ADC, is in user mode. As an
alternative to cycling the power supply, an instruction se-
quence may be used to return the device to user mode. This
instruction sequence must be issued to the ADC using CS.
The following table lists the instructions required to return the
device to user mode:
Instruction
DI Data
DI0 DI1 DI2 DI3 DI4 DI5 DI6 DI7
TEST MODE
H
X
X
X
H
H
H
H
Reset
Test Mode
Instructions
LLLL
H
H
H
L
LLLL
H
L
H
L
LLLL
H
L
H
H
USER MODE
LLLL
H
H
H
H
Power Up
LLLL
H
L
H
L
Set DO with
H
or without
or
L
L
L
H
H
L
H
Sign
L
Set
H
H
Acquisition
or
or
L
L
H
H
H
L
Time
L
L
Start
HHHH
HH
H
a
orororor
L
or
or
or
Conversion
LLLL
LL
L
X = Don’t Care
After returning to user mode with the user mode instruction
the power up, data with or without sign, and acquisition time
instructions need to be resent to ensure that the ADC is in
the required state before a conversion is started.
1.7 Reading the Data Without Starting a Conversion
The data from a particular conversion may be accessed
without starting a new conversion by ensuring that the
CONV line is taken high during the I/O sequence. See the
Read Data timing diagrams. Table 6 describes the operation
of the CONV pin.
2.0 DESCRIPTION OF THE ANALOG MULTIPLEXER
For the ADC12038, the analog input multiplexer can be
configured with 4 differential channels or 8 single ended
channels with the COM input as the zero reference or any
combination thereof (see Figure 9). The difference between
the voltages on the V
REF
+ and V
REF
− pins determines the
input voltage span (V
REF). The analog input voltage range is
0toV
A
+. Negative digital output codes result when V
IN
−
>
V
IN
+. The actual voltage at V
IN
− or V
IN
+ cannot go below
AGND.
01135437
FIGURE 8. Changing the ADC’s Conversion Configuration
4 Differential
Channels
01135438
8 Single-Ended Channels
with COM
as Zero Reference
01135439
FIGURE 9.
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com