Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF154MB Datasheet(PDF) 90 Page - SPANSION

Part # MB9AF154MB
Description  This document states the current technical specifications regarding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF154MB Datasheet(HTML) 90 Page - SPANSION

Back Button MB9AF154MB Datasheet HTML 86Page - SPANSION MB9AF154MB Datasheet HTML 87Page - SPANSION MB9AF154MB Datasheet HTML 88Page - SPANSION MB9AF154MB Datasheet HTML 89Page - SPANSION MB9AF154MB Datasheet HTML 90Page - SPANSION MB9AF154MB Datasheet HTML 91Page - SPANSION MB9AF154MB Datasheet HTML 92Page - SPANSION MB9AF154MB Datasheet HTML 93Page - SPANSION MB9AF154MB Datasheet HTML 94Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 133 page
background image
D a t a S h e e t
April 28, 2015, MB9A150RB_DS706-00047-3v0-E
87
CONFIDENTIAL
 Separate Bus Access Synchronous SRAM Mode
(VCC = 1.65V to 3.6V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
Address delay time
tAV
MCLK,
MAD[24:0]
VCC ≥ 2.7 V
1
9
ns
VCC < 2.7 V
12
MCSX delay time
tCSL
MCLK,
MCSX[7:0]
VCC ≥ 2.7 V
1
9
ns
VCC < 2.7 V
12
tCSH
VCC ≥ 2.7 V
1
9
ns
VCC < 2.7 V
12
MOEX delay time
tREL
MCLK,
MOEX
VCC ≥ 2.7 V
1
9
ns
VCC < 2.7 V
12
tREH
VCC ≥ 2.7 V
1
9
ns
VCC < 2.7 V
12
Data set up →
MCLK ↑ time
tDS
MCLK,
MADATA[15:0]
VCC ≥ 2.7 V
19
-
ns
VCC < 2.7 V
37
MCLK ↑ →
Data hold time
tDH
MCLK,
MADATA[15:0]
VCC ≥ 2.7 V
0
-
ns
VCC < 2.7 V
MWEX delay time
tWEL
MCLK,
MWEX
VCC ≥ 2.7 V
1
9
ns
VCC < 2.7 V
12
tWEH
VCC ≥ 2.7 V
1
9
ns
VCC < 2.7 V
12
MDQM[1:0]
delay time
tDQML
MCLK,
MDQM[1:0]
VCC ≥ 2.7 V
1
9
ns
VCC < 2.7 V
12
tDQMH
VCC ≥ 2.7 V
1
9
ns
VCC < 2.7 V
12
MCLK ↑ →
Data output time
tODS
MCLK,
MADATA[15:0]
VCC ≥ 2.7 V
MCLK+1
MCLK+18
ns
VCC < 2.7 V
MCLK+24
MCLK ↑ →
Data hold time
tOD
MCLK,
MADATA[15:0]
VCC ≥ 2.7 V
1
18
ns
VCC < 2.7 V
24
Note: When the external load capacitance CL = 30 pF.
Invalid
tDQML
tREH
Address
tCSL
tAV
tREL
RD
Address
WD
tDQMH
tWEH
tWEL
tDH
tDS
tOD
tAV
tCSH
tCYCLE
tDQML
tDQMH
tODS
MCLK
MCSX[7:0]
MAD[24:0]
MDQM[1:0]
MWEX
MADATA[15:0]
MOEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com