Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF154MB Datasheet(PDF) 33 Page - SPANSION

Part # MB9AF154MB
Description  This document states the current technical specifications regarding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF154MB Datasheet(HTML) 33 Page - SPANSION

Back Button MB9AF154MB Datasheet HTML 29Page - SPANSION MB9AF154MB Datasheet HTML 30Page - SPANSION MB9AF154MB Datasheet HTML 31Page - SPANSION MB9AF154MB Datasheet HTML 32Page - SPANSION MB9AF154MB Datasheet HTML 33Page - SPANSION MB9AF154MB Datasheet HTML 34Page - SPANSION MB9AF154MB Datasheet HTML 35Page - SPANSION MB9AF154MB Datasheet HTML 36Page - SPANSION MB9AF154MB Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 133 page
background image
D a t a S h e e t
30
MB9A150RB_DS706-00047-3v0-E, April 28, 2015
CONFIDENTIAL
Pin No
Pin Name
I/O Circuit
Type
Pin State
Type
LQFP-120 LQFP-100 BGA-112
LQFP-80
BGA-96
115
95
B4
75
B4
P61
E
J
SOT5_0
(SDA5_0)
TIOB2_2
116
96
C4
76
C4
P60
H*
Q
SIN5_0
IGTRG_1
TIOA2_2
INT15_1
WKUP3
CEC1_0
MRDY_0
117
97
A4
77
A4
VCC
-
118
98
A3
78
A3
P80
E
K
TIOB15_0
INT16_1
119
99
A2
79
A2
P81
E
K
TIOA15_0
INT17_1
120
100
A1
80
A1
VSS
-
*: 5V tolerant I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com