Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF154MB Datasheet(PDF) 37 Page - SPANSION

Part # MB9AF154MB
Description  This document states the current technical specifications regarding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF154MB Datasheet(HTML) 37 Page - SPANSION

Back Button MB9AF154MB Datasheet HTML 33Page - SPANSION MB9AF154MB Datasheet HTML 34Page - SPANSION MB9AF154MB Datasheet HTML 35Page - SPANSION MB9AF154MB Datasheet HTML 36Page - SPANSION MB9AF154MB Datasheet HTML 37Page - SPANSION MB9AF154MB Datasheet HTML 38Page - SPANSION MB9AF154MB Datasheet HTML 39Page - SPANSION MB9AF154MB Datasheet HTML 40Page - SPANSION MB9AF154MB Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 133 page
background image
D a t a S h e e t
34
MB9A150RB_DS706-00047-3v0-E, April 28, 2015
CONFIDENTIAL
Pin Function
Pin Name
Function Description
Pin No
LQFP-
120
LQFP-
100
BGA-
112
LQFP-
80
BGA-
96
Debugger
SWCLK
Serial wire debug interface
clock input pin
93
78
B9
62
B9
SWDIO
Serial wire debug interface
data input / output pin
95
80
A8
64
A9
SWO
Serial wire viewer output pin
96
81
B8
65
B8
TCK
J-TAG test clock input pin
93
78
B9
62
B9
TDI
J-TAG test data input pin
94
79
B11
63
B11
TDO
J-TAG debug data output pin
96
81
B8
65
B8
TMS
J-TAG test mode state
input/output pin
95
80
A8
64
A9
TRACECLK
Trace CLK output pin of ETM
101
86
C7
-
-
TRACED0
Trace data output pin of ETM
97
82
C8
-
-
TRACED1
98
83
D9
-
-
TRACED2
99
84
A7
-
-
TRACED3
100
85
B7
-
-
TRSTX
J-TAG test reset input pin
92
77
A9
61
A10
External
Bus
MAD00_0
External bus interface
address bus
36
31
H5
21
L5
MAD01_0
37
32
L6
22
K5
MAD02_0
44
39
K6
29
J5
MAD03_0
45
40
J6
30
K6
MAD04_0
46
41
L7
31
J6
MAD05_0
47
42
K7
32
L7
MAD06_0
48
43
H6
33
K7
MAD07_0
49
44
J7
34
J7
MAD08_0
50
45
K8
35
K8
MAD09_0
63
53
J10
43
J10
MAD10_0
64
54
J8
44
J8
MAD11_0
65
55
H10
45
H10
MAD12_0
66
56
H9
46
H9
MAD13_0
67
57
H7
47
G10
MAD14_0
68
58
G10
48
G9
MAD15_0
69
59
G9
49
F10
MAD16_0
73
63
G8
53
F9
MAD17_0
74
64
F10
54
E11
MAD18_0
75
65
F9
55
E10
MAD19_0
76
66
E11
56
E9
MAD20_0
77
67
E10
-
-
MAD21_0
78
68
F8
-
-
MAD22_0
79
69
E9
-
-
MAD23_0
80
70
D11
-
-
MAD24_0
89
74
C10
60
C10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com