Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4538BC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4538BC
Description  Dual Precision Monostable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4538BC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CD4538BC Datasheet HTML 1Page - National Semiconductor (TI) CD4538BC Datasheet HTML 2Page - National Semiconductor (TI) CD4538BC Datasheet HTML 3Page - National Semiconductor (TI) CD4538BC Datasheet HTML 4Page - National Semiconductor (TI) CD4538BC Datasheet HTML 5Page - National Semiconductor (TI) CD4538BC Datasheet HTML 6Page - National Semiconductor (TI) CD4538BC Datasheet HTML 7Page - National Semiconductor (TI) CD4538BC Datasheet HTML 8Page - National Semiconductor (TI) CD4538BC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Theory of Operation
TLF6000 – 4
FIGURE 2
Trigger Operation
The block diagram of the CD4538B is shown in
Figure 1
with circuit operation following
As shown in
Figures 1 and 2 before an input trigger occurs
the monostable is in the quiescent state with the Q output
low and the timing capacitor CX completely charged to
VDD When the trigger input A goes from VSS to VDD (while
inputs B and CD are held to VDD) a valid trigger is recog-
nized which turns on comparator C1 and N-Channel tran-
sistor N1 j At the same time the output latch is set With
transistor N1 on the capacitor CX rapidly discharges toward
VSS until VREF1 is reached At this point the output of com-
parator C1 changes state and transistor N1 turns off Com-
parator C1 then turns off while at the same time comparator
C2 turns on With transistor N1 off the capacitor CX begins
to charge through the timing resistor RX toward VDD When
the voltage across CX equals VREF2 comparator C2 chang-
es state causing the output latch to reset (Q goes low) while
at the same time disabling comparator C2 This ends the
timing cycle with the monostable in the quiescent state
waiting for the next trigger
A valid trigger is also recognized when trigger input B goes
from VDD to VSS (while input A is at VSS and input CD is at
VDD)k
It should be noted that in the quiescent state CX is fully
charged to VDD causing the current through resistor RX to
be zero Both comparators are ‘‘off’’ with the total device
current due only to reverse junction leakages An added
feature of the CD4538B is that the output latch is set
via the input trigger without regard to the capacitor voltage
Thus propagation delay from trigger to Q is independent of
the value of CX RX or the duty cycle of the input waveform
Retrigger Operation
The CD4538B is retriggered if a valid trigger occurs l fol-
lowed by another valid trigger m before the Q output has
returned to the quiescent (zero) state Any retrigger after
the timing node voltage at pin 2 or 14 has begun to rise from
VREF1 but has not yet reached VREF2 will cause an in-
crease in output pulse width T When a valid retrigger is
initiated m the voltage at T2 will again drop to VREF1 before
progressing along the RC charging curve toward VDD The
Q output will remain high until time T after the last valid
retrigger
Reset Operation
The CD4538B may be reset during the generation of the
output pulse In the reset mode of operation an input pulse
on CD sets the reset latch and causes the capacitor to be
fast charged to VDD by turning on transistor Q1n When
the voltage on the capacitor reaches VREF2 the reset latch
will clear and then be ready to accept another pulse If the
CD input is held low any trigger inputs that occur will be
inhibited and the Q and Q outputs of the output latch will not
change Since the Q output is reset when an input low level
is detected on the CD input the output pulse T can be made
significantly shorter than the minimum pulse width specifica-
tion
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com