Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4538BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4538BC
Description  Dual Precision Monostable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4538BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4538BC Datasheet HTML 1Page - National Semiconductor (TI) CD4538BC Datasheet HTML 2Page - National Semiconductor (TI) CD4538BC Datasheet HTML 3Page - National Semiconductor (TI) CD4538BC Datasheet HTML 4Page - National Semiconductor (TI) CD4538BC Datasheet HTML 5Page - National Semiconductor (TI) CD4538BC Datasheet HTML 6Page - National Semiconductor (TI) CD4538BC Datasheet HTML 7Page - National Semiconductor (TI) CD4538BC Datasheet HTML 8Page - National Semiconductor (TI) CD4538BC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DC Electrical Characteristics CD4538BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent
VDD e 5V
VIH e VDD
20
0005
20
150
m
A
Device Current VDD e 10V
VIL e VSS
40
0010
40
300
m
A
VDD e 15V
(
All Outputs Open
80
0015
80
600
m
A
VOL
Low Level
VDD e 5V
lIOl k 1 mA
005
0
005
005
V
Output Voltage VDD e 10V
VIH e VDD VIL e VSS
005
0
005
005
V
VDD e 15V
(
005
0
005
005
V
VOH
High Level
VDD e 5V
lIOl k 1 mA
495
495
5
495
V
Output Voltage VDD e 10V
VIH e VDD VIL e VSS
995
995
10
995
V
VDD e 15V
(
1495
1495
15
1495
V
VIL
Low Level
lIOl k 1 mA
Input Voltage
VDD e 5V VO e 05V or 45V
15
225
15
15
V
VDD e 10V VO e 10V or 90V
30
450
30
30
V
VDD e 15V VO e 15V or 135V
40
675
40
40
V
VIH
High Level
lIOl k 1 mA
Input Voltage
VDD e 5V VO e 05V or 45V
35
35
275
35
V
VDD e 10V VO e 10V or 90V
70
70
550
70
V
VDD e 15V VO e 15V or 135V
110
110
825
110
V
IOL
Low Level
VDD e 5V VO e 04V
VIH e VDD
052
044
088
036
mA
Output Current
VDD e 10V VO e 05V
VIL e VSS
13
11
225
09
mA
(Note 3)
VD e 15V VO e 15V
(
36
30
88
24
mA
IOH
High Level
VDD e 5V VO e 46V
b
052
b
044
b
088
b
036
mA
Output Current
VDD e 10V VO e 95V
VIL e VSS
b
13
b
11
b
225
b
09
mA
(Note 3)
VD e 15V VO e 135V
(
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V or 15V
g
002
g
10b5 g005
g
05
m
A
Pin2or14
IIN
Input Current
VDD e 15V VIN e 0V or 15V
g
03
g
10b5
g
03
g
10
m
A
Other Inputs
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for acutal device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com