Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4538BC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4538BC
Description  Dual Precision Monostable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4538BC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4538BC Datasheet HTML 1Page - National Semiconductor (TI) CD4538BC Datasheet HTML 2Page - National Semiconductor (TI) CD4538BC Datasheet HTML 3Page - National Semiconductor (TI) CD4538BC Datasheet HTML 4Page - National Semiconductor (TI) CD4538BC Datasheet HTML 5Page - National Semiconductor (TI) CD4538BC Datasheet HTML 6Page - National Semiconductor (TI) CD4538BC Datasheet HTML 7Page - National Semiconductor (TI) CD4538BC Datasheet HTML 8Page - National Semiconductor (TI) CD4538BC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF and tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTLH tTHL
Output Transition Time
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tPLH tPHL
Propagation Delay Time
Trigger Operation
AorBtoQorQ
VDD e 5V
300
600
ns
VDD e 10V
150
300
ns
VDD e 15V
100
220
ns
Reset Operation
CD toQorQ
VDD e 5V
250
500
ns
VDD e 10V
125
250
ns
VDD e 15V
95
190
ns
tWL tWH
Minimum Input Pulse Width
VDD e 5V
35
70
ns
A B or CD
VDD e 10V
30
60
ns
VDD e 15V
25
50
ns
tRR
Minimum Retrigger Time
VDD e 5V
0
ns
VDD e 10V
0
0
ns
VDD e 15V
0
ns
CIN
Input Capacitance
Pin 2 or 14
10
pF
Other Inputs
5
75
pF
PWOUT
Output Pulse Width (Q or Q)
RX e 100 kX
VDD e 5V
208
226
244
m
s
(Note For Typical Distribution
CX e 0002 mF
VDD e 10V
211
230
248
m
s
see
Figure 9 )VDD e 15V
216
235
254
m
s
RX e 100 kX
VDD e 5V
883
960
1037
ms
CX e 01 mF
VDD e 10V
902
980
1059
ms
VDD e 15V
920
1000
1080
ms
RX e 100 kX
VDD e 5V
087
095
103
s
CX e 100 mF
VDD e 10V
089
097
105
s
VDD e 15V
091
099
107
s
Pulse Width Match between
RX e 100 kX
VDD e 5V
g
1%
Circuits in the Same Package
CX e 01 mF
VDD e 10V
g
1%
CX e 01 mF RX e 100 kX
VDD e 15V
g
1%
Operating Conditions
RX
External Timing Resistance
50
kX
CX
External Timing Capacitance
0
No Limit
pF
AC parameters are guaranteed by DC correlated testing
The maximum usable resistance RX is a function of the leakage of the Capacitor CX leakage of the CD4538B and leakage due to board layout surface
resistance etc
Logic Diagram
TLF6000 – 3
FIGURE 1
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com