Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM3597-RTR Datasheet(PDF) 20 Page - Silicon Laboratories

Part # EM3597-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3597-RTR Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button EM3597-RTR Datasheet HTML 16Page - Silicon Laboratories EM3597-RTR Datasheet HTML 17Page - Silicon Laboratories EM3597-RTR Datasheet HTML 18Page - Silicon Laboratories EM3597-RTR Datasheet HTML 19Page - Silicon Laboratories EM3597-RTR Datasheet HTML 20Page - Silicon Laboratories EM3597-RTR Datasheet HTML 21Page - Silicon Laboratories EM3597-RTR Datasheet HTML 22Page - Silicon Laboratories EM3597-RTR Datasheet HTML 23Page - Silicon Laboratories EM3597-RTR Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
EM359x
20
Rev 1.0
Table 3.6 lists the nRESET pin specifications for the EM359x. The digital I/O power (named VDD_PADS) comes
from three dedicated pins (Pins 27, 35, and 44). The voltage applied to these pins sets the I/O voltage.
3.6. Non-RF System Electrical Characteristics
Table 3.7 lists the non-RF system level characteristics for the EM359x.
Table 3.6. nReset Pin Specifications
Parameter
Test Condition
Min
Typ
Max
Unit
Low Schmitt switching threshold
VSWIL
Schmitt input threshold going from
high to low
0.42 x
VDD_PADS
0.50 x
VDD_PADS
V
High Schmitt switching threshold
VSWIH
Schmitt input threshold going from
low to high
0.62 x
VDD_PADS
0.80 x
VDD_PADS
V
Input current for logic 1
IIH
+0.5
μA
Input pull-up resistor value
RIPU
Pull-up value while the chip is not
reset
24
29
34
k
Input pull-up resistor value
RIPURESET
Pull-up value while the chip is
reset
12
14.5
17
k
Table 3.7. Non-RF System Electrical Characteristics
Parameter
Test Condition
Min
Typ
Max
Unit
System wake time from deep
sleep
From wakeup event to first ARM® Cor-
texTM-M3 instruction running from 6 MHz
internal RC clock
Includes supply ramp time and oscillator
startup time
110
µs
Shutdown time going into deep
sleep
From last ARM® CortexTM-M3 instruction
to deep sleep mode
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com