Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM3597-RTR Datasheet(PDF) 48 Page - Silicon Laboratories

Part # EM3597-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3597-RTR Datasheet(HTML) 48 Page - Silicon Laboratories

Back Button EM3597-RTR Datasheet HTML 44Page - Silicon Laboratories EM3597-RTR Datasheet HTML 45Page - Silicon Laboratories EM3597-RTR Datasheet HTML 46Page - Silicon Laboratories EM3597-RTR Datasheet HTML 47Page - Silicon Laboratories EM3597-RTR Datasheet HTML 48Page - Silicon Laboratories EM3597-RTR Datasheet HTML 49Page - Silicon Laboratories EM3597-RTR Datasheet HTML 50Page - Silicon Laboratories EM3597-RTR Datasheet HTML 51Page - Silicon Laboratories EM3597-RTR Datasheet HTML 52Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
EM359x
48
Rev 1.0
38
PB2
I/O
Digital I/O
SC1MISO
I
SPI master data in of Serial Controller 1
Select SPI with SC1_MODE
Select master with SC1_SPICFG
SC1MOSI
I
SPI slave data in of Serial Controller 1
Select SPI with SC1_MODE
Select slave with SC1_SPICFG
SC1SCL
I/O
TWI clock of Serial Controller 1
Either disable timer output in TIM2_CCER,
or disable remap with TIM2_OR[5]
Select TWI with SC1_MODE
Select alternate open-drain output function with GPIO_PBCFGL[11:8]
SC1RXD
I
UART receive data of Serial Controller 1
Select UART with SC1_MODE
TIM2C2
(see also Pin 29)
O
Timer 2 channel 2 output
Enable remap with TIM2_OR[5]
Enable timer output in TIM2_CCER
Select alternate output function with GPIO_PBCFGL[11:8]
TIM2C2
(see also Pin 29)
I
Timer 2 channel 2 input
Enable remap with TIM2_OR[5]
39
SWCLK
I/O
Serial Wire clock input/output with debugger
Selected when in Serial Wire mode (see JTMS description, Pin 42)
JTCK
I
JTAG clock input from debugger
Selected when in JTAG mode (default mode, see JTMS description,
Pin 42)
Internal pull-down is enabled
Table 6.1. EM359x Pin Descriptions (Continued)
Pin #
Signal
Direction
Description
Note:
1.
IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and
GPIO_IRQDSEL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com