| Electronic Components Datasheet Search |
|
EM3597-RTR Datasheet(PDF) 45 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM3597-RTR Datasheet(HTML) 45 Page - Silicon Laboratories |
|
45 / 59 page ![]() EM359x Rev 1.0 45 30 PA4 I/O Digital I/O ADC4 Analog ADC Input 4 Select analog function with GPIO_PACFGH[3:0] PTI_EN O Frame signal of Packet Trace Interface (PTI) Disable trace interface in ARM core Enable PTI in Ember software Select alternate output function with GPIO_PACFGH[3:0] TRACEDATA2 (see also Pin 43) O Synchronous CPU trace data bit 2 Select 4-wire synchronous trace interface in ARM core Enable trace interface in ARM core Select alternate output function with GPIO_PACFGH[3:0] 31 PA5 I/O Digital I/O ADC5 Analog ADC Input 5 Select analog function with GPIO_PACFGH[7:4] PTI_DATA O Data signal of Packet Trace Interface (PTI) Disable trace interface in ARM core Enable PTI in Ember software Select alternate output function with GPIO_PACFGH[7:4] nBOOTMODE I Activate FIB monitor instead of main program or bootloader when coming out of reset. Signal is active during and immediately after a reset on nRESET. Refer to section 7.5, Boot Configuration, in Chapter 7, GPIO, of the Ember EM359x Reference Manual for details. TRACEDATA3 (see also Pin 44) O Synchronous CPU trace data bit 3 Select 4-wire synchronous trace interface in ARM core Enable trace interface in ARM core Select alternate output function with GPIO_PACFGH[7:4] 32 PD4 I/O Digital I/O SC3nRTS O UART RTS handshake of Serial Controller 3 Enable with SC3_UARTCFG[5] Select UART with SC3_MODE Select alternate output function with GPIO_PDCFGH[3:0] SC3nSSEL I SPI slave select of Serial Controller 3 Enable slave with SC3_SPICFG[4] Select SPI with SC3_MODE Table 6.1. EM359x Pin Descriptions (Continued) Pin # Signal Direction Description Note: 1. IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and GPIO_IRQDSEL registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |