Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72T/SS Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F72T/SS
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72T/SS Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F72T/SS Datasheet HTML 9Page - Microchip Technology PIC16F72T/SS Datasheet HTML 10Page - Microchip Technology PIC16F72T/SS Datasheet HTML 11Page - Microchip Technology PIC16F72T/SS Datasheet HTML 12Page - Microchip Technology PIC16F72T/SS Datasheet HTML 13Page - Microchip Technology PIC16F72T/SS Datasheet HTML 14Page - Microchip Technology PIC16F72T/SS Datasheet HTML 15Page - Microchip Technology PIC16F72T/SS Datasheet HTML 16Page - Microchip Technology PIC16F72T/SS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 11
PIC16F72
Bank 2
100h(1)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000
19
101h
TMR0
Timer0 Module’s Register
xxxx xxxx
29
102h(1
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
18
103h(1)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
12
104h(1)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
19
105h
—
Unimplemented
—
—
106h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx
23
107h
—
Unimplemented
—
—
108h
—
Unimplemented
—
—
109h
—
Unimplemented
—
—
10Ah(1,2) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
18
10Bh(1)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
14
10Ch
PMDATL
Data Register Low Byte
xxxx xxxx
27
10Dh
PMADRL
Address Register Low Byte
xxxx xxxx
27
10Eh
PMDATH
—
—
Data Register High Byte
--xx xxxx
27
10Fh
PMADRH
—
—
—
Address Register High Byte
---x xxxx
27
Bank 3
180h(1)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000
19
181h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
13
182h(1)
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
18
183h(1)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
12
184h(1)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
19
185h
—
Unimplemented
—
—
186h
TRISB
PORTB Data Direction Register
1111 1111
23
187h
—
Unimplemented
—
—
188h
—
Unimplemented
—
—
189h
—
Unimplemented
—
—
18Ah(1,2) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
18
18Bh(1)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
14
18Ch
PMCON1
— (3)
—
—
—
—
—
—
RD
1--- ---0
27
18Dh
—
Unimplemented
—
—
18Eh
—
Reserved, maintain clear
0000 0000
—
18Fh
—
Reserved, maintain clear
0000 0000
—
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
These registers can be addressed from any bank.
2:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose
contents are transferred to the upper byte of the program counter.
3:
This bit always reads as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com