Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72T/SS Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F72T/SS
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72T/SS Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F72T/SS Datasheet HTML 28Page - Microchip Technology PIC16F72T/SS Datasheet HTML 29Page - Microchip Technology PIC16F72T/SS Datasheet HTML 30Page - Microchip Technology PIC16F72T/SS Datasheet HTML 31Page - Microchip Technology PIC16F72T/SS Datasheet HTML 32Page - Microchip Technology PIC16F72T/SS Datasheet HTML 33Page - Microchip Technology PIC16F72T/SS Datasheet HTML 34Page - Microchip Technology PIC16F72T/SS Datasheet HTML 35Page - Microchip Technology PIC16F72T/SS Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 136 page
background image
PIC16F72
DS39597B-page 30
 2002 Microchip Technology Inc.
5.3
Using Timer0 with an External
Clock
When no prescaler is used, the external clock input is
the same as the prescaler output. The synchronization
of T0CKI, with the internal phase clocks, is accom-
plished by sampling the prescaler output on the Q2 and
Q4 cycles of the internal phase clocks. Therefore, it is
necessary for T0CKI to be high for at least 2 TOSC (and
a small RC delay of 20 ns) and low for at least 2 TOSC
(and a small RC delay of 20 ns). Refer to the electrical
specification of the desired device.
5.4
Prescaler
There is only one prescaler available, which is mutually
exclusively shared between the Timer0 module and the
Watchdog Timer. A prescaler assignment for the
Timer0 module means that there is no prescaler for the
Watchdog Timer, and vice-versa. This prescaler is not
readable or writable (see Figure 5-1).
The PSA and PS2:PS0 bits (OPTION<3:0>) determine
the prescaler assignment and prescale ratio.
When assigned to the Timer0 module, all instructions
writing to the TMR0 register (e.g., CLRF 1, MOVWF 1,
BSF
1,x
....etc.) will clear the prescaler. When
assigned to WDT, a CLRWDT instruction will clear the
prescaler along with the Watchdog Timer. The
prescaler is not readable or writable.
TABLE 5-1:
REGISTERS ASSOCIATED WITH TIMER0
Note:
Writing to TMR0 when the prescaler is
assigned to Timer0, will clear the prescaler
count but will not change the prescaler
assignment.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
01h,101h
TMR0
Timer0 Module Register
xxxx xxxx uuuu uuuu
0Bh,8Bh,
10Bh,18Bh
INTCON
GIE
PEIE
TMR0IE INTE
RBIE TMR0IF
INTF
RBIF
0000 000x 0000 000u
81h,181h
OPTION RBPU INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111 1111 1111
Legend: x = unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by Timer0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com