Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72T/SS Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F72T/SS
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72T/SS Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F72T/SS Datasheet HTML 35Page - Microchip Technology PIC16F72T/SS Datasheet HTML 36Page - Microchip Technology PIC16F72T/SS Datasheet HTML 37Page - Microchip Technology PIC16F72T/SS Datasheet HTML 38Page - Microchip Technology PIC16F72T/SS Datasheet HTML 39Page - Microchip Technology PIC16F72T/SS Datasheet HTML 40Page - Microchip Technology PIC16F72T/SS Datasheet HTML 41Page - Microchip Technology PIC16F72T/SS Datasheet HTML 42Page - Microchip Technology PIC16F72T/SS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 37
PIC16F72
8.0
CAPTURE/COMPARE/PWM
(CCP) MODULE
The CCP (Capture/Compare/PWM) module contains a
16-bit register that can operate as a:
•
16-bit capture register
•
16-bit compare register
•
PWM master/slave duty cycle register.
Table 8-1 shows the timer resources of the CCP
Module modes.
Capture/Compare/PWM Register1 (CCPR1) is com-
prised of two 8-bit registers: CCPR1L (low byte) and
CCPR1H (high byte). The CCP1CON register controls
the operation of CCP1. All are readable and writable.
Additional information on the CCP module is available
in the PICmicro™ Mid-Range MCU Reference Manual,
(DS33023).
TABLE 8-1:
CCP MODE - TIMER
RESOURCE
REGISTER 8-1:
CCPCON1:
CAPTURE/COMPARE/PWM CONTROL REGISTER 1 (ADDRESS 17h)
CCP Mode
Timer Resource
Capture
Compare
PWM
Timer1
Timer1
Timer2
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
CCPxX
CCPxY
CCPxM3
CCPxM2
CCPxM1
CCPxM0
bit 7
bit 0
bit 7-6
Unimplemented: Read as '0'
bit 5-4
CCPxX:CCPxY: PWM Least Significant bits
Capture mode:
Unused
Compare mode:
Unused
PWM mode:
These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPRxL.
bit 3-0
CCPxM3:CCPxM0: CCPx Mode Select bits
0000
= Capture/Compare/PWM disabled (resets CCPx module)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CCPxIF bit is set)
1001
= Compare mode, clear output on match (CCPxIF bit is set)
1010
= Compare mode, generate software interrupt on match (CCPxIF bit is set,
CCPx pin is unaffected)
1011
= Compare mode, trigger special event (CCPxIF bit is set, CCPx pin is unaffected);
CCP1 resets TMR1 and starts an A/D conversion (if A/D module is enabled)
11xx
= PWM mode
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com