Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LC925-S/CL Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC16LC925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC925-S/CL Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC16LC925-S/CL Datasheet HTML 149Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 150Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 151Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 152Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 153Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 154Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 155Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 156Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 151
PIC16C925/926
FIGURE 15-9:
CAPTURE/COMPARE/PWM TIMINGS
TABLE 15-7:
CAPTURE/COMPARE/PWM REQUIREMENTS
RC2/CCP1
(Capture Mode)
50
51
52
53
54
RC2/CCP1
(Compare or PWM Mode)
Note:
Refer to Figure 15-4 for load conditions.
Parameter
No.
Symbol
Characteristic
Min
Typ† Max Units
Conditions
50
TccL
Input Low Time
No Prescaler
0.5TCY + 20
——
ns
With Prescaler PIC16C925/926
10
——
ns
PIC16LC925/926
20
——
ns
51
TccH
Input High Time
No Prescaler
0.5TCY + 20
——
ns
With Prescaler PIC16C925/926
10
——
ns
PIC16LC925/926
20
——
ns
52
TccP
Input Period
3TCY + 40
N
——
ns
N = prescale value
(1,4 or 16)
53
TccR
Output Rise Time
PIC16C925/926
—
10
25
ns
PIC16LC925/926
—
25
45
ns
54
TccF
Output Fall Time
PIC16C925/926
—
10
25
ns
PIC16LC925/926
—
25
45
ns
† Data in “Typ” column is at 5 V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com