Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LC925-S/CL Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16LC925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC925-S/CL Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16LC925-S/CL Datasheet HTML 91Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 92Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 93Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 94Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 95Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 96Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 97Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 98Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 93
PIC16C925/926
11.4
Operation During SLEEP
The LCD module can operate during SLEEP. The
selection is controlled by bit SLPEN (LCDCON<6>).
Setting the SLPEN bit allows the LCD module to go to
SLEEP. Clearing the SLPEN bit allows the module to
continue to operate during SLEEP.
If a SLEEP instruction is executed and SLPEN = ’1’, the
LCD module will cease all functions and go into a very
low current consumption mode. The module will stop
operation immediately and drive the minimum LCD
voltage on both segment and common lines. Figure
11-8 shows this operation. To ensure that the LCD com-
pletes the frame, the SLEEP instruction should be exe-
cuted immediately after a LCD frame boundary. The
LCD interrupt can be used to determine the frame
boundary. See Section 11.2 for the formulas to calcu-
late the delay.
If a SLEEP instruction is executed and SLPEN = ’0’, the
module will continue to display the current contents of
the LCDD registers. To allow the module to continue
operation while in SLEEP, the clock source must be
either the internal RC oscillator or Timer1 external
oscillator. While in SLEEP, the LCD data cannot be
changed. The LCD module current consumption will
not decrease in this mode, however, the overall con-
sumption of the device will be lower due to shut-down
of the core and other peripheral functions.
FIGURE 11-8:
SLEEP ENTRY/EXIT WHEN SLPEN = 1 OR CS1:CS0 = 00
Note:
The internal RC oscillator or external
Timer1 oscillator must be used to operate
the LCD module during SLEEP.
COM0
COM1
COM3
3/3V
1/3V
0/3V
3/3V
3/3V
1/3V
2/3V
2/3V
1/3V
0/3V
2/3V
0/3V
3/3V
2/3V
1/3V
0/3V
SEG0
SLEEP
Instruction Execution
Wake-up
Interrupted
Frame
Pin
Pin
Pin
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com