Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LC925-S/CL Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16LC925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC925-S/CL Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16LC925-S/CL Datasheet HTML 93Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 94Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 95Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 96Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 97Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 98Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 99Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 100Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 95
PIC16C925/926
11.5
Voltage Generation
There are two methods for LCD voltage generation:
internal charge pump, or external resistor ladder.
11.5.1
CHARGE PUMP
The LCD charge pump is shown in Figure 11-9. The
1.0V - 2.3V regulator will establish a stable base volt-
age from the varying battery voltage. This regulator is
adjustable through the range by connecting a variable
external resistor from VLCDADJ to ground. The poten-
tiometer provides contrast adjustment for the LCD. This
base voltage is connected to VLCD1 on the charge
pump. The charge pump boosts VLCD1 into VLCD2 =
2*VLCD1 and VLCD3 = 3 * VLCD1. When the charge
pump is not operating, Vlcd3 will be internally tied to
VDD. See the Electrical Specifications section for
charge pump capacitor and potentiometer values.
11.5.2
EXTERNAL R-LADDER
The LCD module can also use an external resistor lad-
der
(R-Ladder)
to generate
the
LCD
voltages.
Figure 11-9 shows external connections for static and
1/3 bias. The VGEN (LCDCON<4>) bit must be cleared
to use an external R-Ladder.
FIGURE 11-9:
CHARGE PUMP AND RESISTOR LADDER
Control
Logic
3
2
C
CPCLK
2
C
3
2
C+ VGEN
3
VGEN
VDD
Regulator
VGEN
VLCD3
VLCD2
VLCD1
VLCD0
To
LCD
Drivers
Connections for
internal charge
pump, VGEN = 1
VLCD3
VLCD3
Connections for
external R-ladder,
1/3 Bias,
VGEN = 0
Connections for
external R-ladder,
Static Bias,
VGEN = 0
0.47
µF*
0.47
µF*
0.47
µF*
0.47
µF*
10 k
Ω*
10 k
Ω*
10 k
Ω*
5k
Ω*
5k
Ω*
10 k
Ω*
130 k
Ω*
100 k
Ω*
C2
VLCD2
VLCD1
VLCD3C1
VLCDADJ
* These values are provided for design guidance only and should be optimized to the application by the designer.
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com