Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LC925-S/CL Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC16LC925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC925-S/CL Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC16LC925-S/CL Datasheet HTML 33Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 34Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 35Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 36Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 37Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 38Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 39Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 40Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 35
PIC16C925/926
TABLE 4-7:
PORTD FUNCTIONS
TABLE 4-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit#
Buffer
Type
Function
RD0/SEG00
bit0
ST
Input/output port pin or Segment Driver00.
RD1/SEG01
bit1
ST
Input/output port pin or Segment Driver01.
RD2/SEG02
bit2
ST
Input/output port pin or Segment Driver02.
RD3/SEG03
bit3
ST
Input/output port pin or Segment Driver03.
RD4/SEG04
bit4
ST
Input/output port pin or Segment Driver04.
RD5/SEG29/COM3
bit5
ST
Digital input pin or Segment Driver29 or Common Driver3.
RD6/SEG30/COM2
bit6
ST
Digital input pin or Segment Driver30 or Common Driver2.
RD7/SEG31/COM1
bit7
ST
Digital input pin or Segment Driver31 or Common Driver1.
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other
RESETS
08h
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
0000 0000
0000 0000
88h
TRISD
PORTD Data Direction Control Register
1111 1111
1111 1111
10Dh
LCDSE
SE29
SE27
SE20
SE16
SE12
SE9
SE5
SE0
1111 1111
1111 1111
Legend: Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com