Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LC925-S/CL Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC16LC925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC925-S/CL Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC16LC925-S/CL Datasheet HTML 103Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 104Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 105Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 106Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 107Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 108Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 109Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 110Page - Microchip Technology PIC16LC925-S/CL Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 105
PIC16C925/926
PR2
1111 1111
1111 1111
1111 1111
SSPADD
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
0000 0000
0000 0000
uuuu uuuu
ADCON1
---- -000
---- -000
---- -uuu
PORTF
0000 0000
0000 0000
uuuu uuuu
PORTG
0000 0000
0000 0000
uuuu uuuu
LCDSE
1111 1111
1111 1111
uuuu uuuu
LCDPS
---- 0000
---- 0000
---- uuuu
LCDCON
00-0 0000
00-0 0000
uu-u uuuu
LCDD00
to
LCDD15
xxxx xxxx
uuuu uuuu
uuuu uuuu
TRISF
1111 1111
1111 1111
uuuu uuuu
TRISG
1111 1111
1111 1111
uuuu uuuu
TABLE 12-6:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Power-on Reset
MCLR Resets
WDT Reset
Wake-up via
WDT or
Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition
Note 1: One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).
3: See Table 12-5 for RESET value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com