Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6002ILT Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6002ILT
Description  1 MHz Bandwidth Low Power Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6002ILT Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6002ILT Datasheet HTML 16Page - Microchip Technology MCP6002ILT Datasheet HTML 17Page - Microchip Technology MCP6002ILT Datasheet HTML 18Page - Microchip Technology MCP6002ILT Datasheet HTML 19Page - Microchip Technology MCP6002ILT Datasheet HTML 20Page - Microchip Technology MCP6002ILT Datasheet HTML 21Page - Microchip Technology MCP6002ILT Datasheet HTML 22Page - Microchip Technology MCP6002ILT Datasheet HTML 23Page - Microchip Technology MCP6002ILT Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2003 Microchip Technology Inc.
DS21733D-page 21
MCP6001/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
MCP6001T:
1 MHz Bandwidth, Low Power Op Amp
(Tape and Reel) (SC-70, SOT-23)
MCP6001RT:
1 MHz Bandwidth, Low Power Op Amp
(Tape and Reel) (SOT-23)
MCP6001UT:
1 MHz Bandwidth, Low Power Op Amp
(Tape and Reel) (SOT-23)
MCP6002:
1 MHz Bandwidth, Low Power Op Amp
MCP6002T:
1 MHz Bandwidth, Low Power Op Amp
(Tape and Reel) (SOIC, MSOP)
MCP6004:
1 MHz Bandwidth, Low Power Op Amp
MCP6004T:
1 MHz ,Bandwidth Low Power Op Amp
(Tape and Reel) (SOIC, MSOP)
Temperature Range:
I
= -40°C to +85°C
E
= -40°C to +125°C
Package:
LT
= Plastic Package (SC-70), 5-lead (MCP6001 only)
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
(MCP6001, MCP6001R, MCP6001U)
MS = Plastic MSOP, 8-lead
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
SN = Plastic SOIC, (150 mil Body), 8-lead
SL = Plastic SOIC (150 mil Body), 14-lead
ST = Plastic TSSOP (4.4mm Body), 14-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6001T-I/LT:
Tape and Reel, Industrial
Temperature, 5LD SC-70 package
b)
MCP6001T-I/OT: Tape and Reel, Industrial
Temperature, 5LD SOT-23 package.
c)
MCP6001RT-I/OT: Tape and Reel, Industrial
Temperature, 5LD SOT-23 package.
d)
MCP6001UT-E/OT:Tape and Reel, Extended
Temperature, 5LD SOT-23 package.
e)
MCP6001UT-I/OT: Tape and Reel, Industrial
Temperature, 5LD SOT-23 package.
a)
MCP6002-I/MS:
Industrial Temperature,
8LD MSOP package.
b)
MCP6002-I/P:
Industrial Temperature,
8LD PDIP package.
c)
MCP6002-E/P:
Extended Temperature,
8LD PDIP package.
d)
MCP6002-I/SN:
Industrial Temperature,
8LD SOIC package.
e)
MCP6002T-I/MS: Tape and Reel, Industrial
Temperature, 8LD MSOP package.
f)
MCP6002T-I/SN: Tape and Reel, Industrial
Temperature, 8LD SOIC package.
a)
MCP6004-I/P:
Industrial Temperature,
14LD PDIP package.
b)
MCP6004-I/SL:
Industrial Temperature,,
14LD SOIC package.
c)
MCP6004-E/SL:
Extended Temperature,,
14LD SOIC package.
d)
MCP6004-I/ST:
Industrial Temperature,
14LD TSSOP package.
e)
MCP6004T-I/SL: Tape and Reel, Industrial
Temperature, 14LD SOIC package.
f)
MCP6004T-I/ST: Tape and Reel, Industrial
Temperature, 14LD TSSOP package.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com