Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6002ILT Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6002ILT
Description  1 MHz Bandwidth Low Power Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6002ILT Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6002ILT Datasheet HTML 7Page - Microchip Technology MCP6002ILT Datasheet HTML 8Page - Microchip Technology MCP6002ILT Datasheet HTML 9Page - Microchip Technology MCP6002ILT Datasheet HTML 10Page - Microchip Technology MCP6002ILT Datasheet HTML 11Page - Microchip Technology MCP6002ILT Datasheet HTML 12Page - Microchip Technology MCP6002ILT Datasheet HTML 13Page - Microchip Technology MCP6002ILT Datasheet HTML 14Page - Microchip Technology MCP6002ILT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2003 Microchip Technology Inc.
DS21733D-page 11
MCP6001/2/4
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
Legend: XX...X Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code, traceability code (facility
code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please
check with your Microchip Sales Office.
MCP6002
I/P057
0307
MCP6002
I/SN0307
057
5-Lead SC-70 (MCP6001)
Example:
1
23
5
4
5-Lead SOT-23 (MCP6001)
Example:(MCP6001 I-Temp Pinout)
XXNN
1
23
5
4
AA07
XNN
YWW
A57
307
8-Lead MSOP
Example:
XXXXXX
YWWNNN
6002
307057
Device
Industrial
Temp Code
Extended
Temp Code
MCP6001
AANN
CDNN
MCP6001R
ADNN
CENN
MCP6001U
AFNN
CFNN
Note:
Applies to 5-Lead SOT-23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com