Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6002ILT Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6002ILT
Description  1 MHz Bandwidth Low Power Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6002ILT Datasheet(HTML) 1 Page - Microchip Technology

  MCP6002ILT Datasheet HTML 1Page - Microchip Technology MCP6002ILT Datasheet HTML 2Page - Microchip Technology MCP6002ILT Datasheet HTML 3Page - Microchip Technology MCP6002ILT Datasheet HTML 4Page - Microchip Technology MCP6002ILT Datasheet HTML 5Page - Microchip Technology MCP6002ILT Datasheet HTML 6Page - Microchip Technology MCP6002ILT Datasheet HTML 7Page - Microchip Technology MCP6002ILT Datasheet HTML 8Page - Microchip Technology MCP6002ILT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2003 Microchip Technology Inc.
DS21733D-page 1
M
MCP6001/2/4
Features
• Available in SC-70-5 and SOT-23-5 packages
• 1 MHz Gain Bandwidth Product (typ.)
• Rail-to-Rail Input/Output
• Supply Voltage: 1.8V to 5.5V
• Supply Current: IQ = 100 µA (typ.)
• 90° Phase Margin (typ.)
• Temperature Range:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
• Available in Single, Dual and Quad Packages
Applications
• Automotive
• Portable Equipment
• Photodiode Pre-amps
• Analog Filters
• Notebooks and PDAs
• Battery-Powered Systems
Available Tools
Spice Macro Models (at www.microchip.com)
FilterLab® Software (at www.microchip.com)
Typical Application
Description
The Microchip Technology Inc. MCP6001/2/4 family of
operational amplifiers (op amps) is specifically
designed for general-purpose applications. This family
has a 1 MHz gain bandwidth product and 90° phase
margin (typ.). It also maintains 45° phase margin (typ.)
with 500 pF capacitive load. This family operates from
a single supply voltage as low as 1.8V, while drawing
100 µA (typ.) quiescent current. Additionally, the
MCP6001/2/4 supports rail-to-rail input and output
swing, with a common mode input voltage range of
VDD + 300 mV to VSS - 300 mV. This family of opera-
tional
amplifiers
is
designed
with
Microchip’s
advanced CMOS process.
The MCP6001/2/4 family is available in the industrial
and extended temperature ranges. It also has a power
supply range of 1.8V to 5.5V.
Package Types
R1
VOUT
R2
VIN
VDD
+
-
Gain
1
R1
R2
------
+
=
Non-Inverting Amplifier
MCP6001
VREF
VSS
4
MCP6001
1
2
3
-
5 VDD
VIN–
VOUT
VSS
VIN+
SC-70-5, SOT-23-5
MCP6002
PDIP, SOIC, MSOP
MCP6004
VINA+
VINA–
VSS
1
2
3
4
14
13
12
11
-
VOUTA
+ -
+
A
D
VDD
VOUTD
VIND–
VIND+
10
9
8
5
6
7
VOUTB
VINB–
VINB+VINC+
VINC–
VOUTC
+
-
BC
-
+
PDIP, SOIC, TSSOP
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
-
VOUTA
+ -
+
A
B
VDD
VOUTB
VINB–
VINB+
4
1
2
3
-
5 VDD
VOUT
VSS
MCP6001R
SOT-23-5
4
1
2
3
-
5 VSS
VIN–
VOUT
VDD
VIN+
MCP6001U
SOT-23-5
4
1
2
3
-
5 VDD
VOUT
VIN+
VSS
VIN–
1 MHz Bandwidth Low Power Op Amp


Similar Part No. - MCP6002ILT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6002 MICROCHIP-MCP6002 Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
MCP6002-E/LT MICROCHIP-MCP6002-E/LT Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
MCP6002-E/MS MICROCHIP-MCP6002-E/MS Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
MCP6002-E/OT MICROCHIP-MCP6002-E/OT Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
MCP6002-E/P MICROCHIP-MCP6002-E/P Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
More results

Similar Description - MCP6002ILT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9617 AD-AD9617 Datasheet
140Kb / 10P
Low Distortion, Precision, Wide Bandwidth Op Amp
REV.B
AD9618 AD-AD9618 Datasheet
414Kb / 8P
Low Distortion, Precision, Wide Bandwidth Op Amp
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001_05 Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
Precision, High-Bandwidth Op Amp
Rev 0; 9/10
logo
Analog Devices
AD9618 AD-AD9618_15 Datasheet
474Kb / 8P
LOW DISTORTION PRECISION WIDE BANDWIDTH OP AMP
REV. A
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
logo
Microchip Technology
MIC920 MICROCHIP-MIC920 Datasheet
928Kb / 24P
80 MHz Low-Power SC70 Op Amp
05/14/19
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
Precision, High-Bandwidth Op Amp
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com