Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP451 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP451
Description  13.56 MHz Read/Write Passive RFID Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP451 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP451 Datasheet HTML 18Page - Microchip Technology MCP451 Datasheet HTML 19Page - Microchip Technology MCP451 Datasheet HTML 20Page - Microchip Technology MCP451 Datasheet HTML 21Page - Microchip Technology MCP451 Datasheet HTML 22Page - Microchip Technology MCP451 Datasheet HTML 23Page - Microchip Technology MCP451 Datasheet HTML 24Page - Microchip Technology MCP451 Datasheet HTML 25Page - Microchip Technology MCP451 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
MCRF450/451/452/455
DS40232H-page 22
 2003 Microchip Technology Inc.
6.2.3
DETECTION OF INTERROGATOR
COMMANDS
The Interrogator sends commands to the device by
amplitude modulating the carrier signal (gap pulse).
The Interrogator uses two classes of encoding signals
for modulation. They are (1) 1-of-16 PPM for data
transmission, and (2) specially timed gap pulse
sequence for the FRR and FRB commands. These
commands consist of five gap pulses within nine possi-
ble gap pulse positions (1.575 ms). The combination of
the possible gap positions determines the command
type and parameters of the Fast Read command.
The Interrogator also sends TCP prior to the 1-of-
16 PPM. The TCP is used to calibrate the time-base of
the decoder in the device. The specifics of the two
encoding methods and the TCP are described in the
following sections.
6.2.3.1
Fast Read (FR) Commands
The FR commands are composed of five 175
µs wide
gap pulses (see Figure 6-2) whose spacing within
1.575 ms determines the command type and its param-
eters. Table 6-4 shows the specification of the gap
signal for the FR commands. Two commands are used
for the fast read. They are: (1) Fast Read Request
(FRR) in the Detection loop, and (2) Fast Read Bypass
(FRB) in the Reactivation loop. See Tables 6-5 and 6-6
for the FRR gap pulse positions. See Figures 6-3 to 6-8
for the gap modulation patterns.
The parameters of FRR are: (1) number of time slots
(TSMAX = 1,16, or 64), (2) maximum transmission
counter (TCMAX) and (3) data transmission speed.
The FRB has only a data transmission speed parame-
ter (Normal or Fast Speed mode). The device extracts
these parameters based on the positions of the five gap
pulses within the 1.575 ms time span, as shown in
Figures 6-3 to 6-8.
TSMAX = 1 is given if there is only one device in the
field. This is called “Conveyor mode” or “single tag
environment”. In this mode, the device responds with
the FR response signal in every time slot until it
receives a correct matching code, or until TCMAX is
elapsed.
6.2.3.2
Data Transmission Speed
The Interrogator can send data with two different data
rates: (1) Normal and (2) Fast Speed modes. The
normal speed uses 2.8 ms/symbol, while the fast
speed uses 160
µs/symbol. One symbol represents
one 4-bit data packet (see Section 6.2.3.4 “1-of-16
PPM”). The data transmission speed is a parameter of
the FRR and FRB commands. This parameter
indicates the data speed of subsequent Interrogator
commands. The data rate of the device output (70 kHz)
is not affected by this parameter.
TABLE 6-4:
SPECIFICATION OF GAP SIGNAL FOR FRR AND FRB COMMANDS
Number of gaps for one command
5
Total available number of gap positions within the command time span
9
Command time span
1.575 ms
Gap pulse width
175
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com