Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP451 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP451
Description  13.56 MHz Read/Write Passive RFID Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP451 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP451 Datasheet HTML 35Page - Microchip Technology MCP451 Datasheet HTML 36Page - Microchip Technology MCP451 Datasheet HTML 37Page - Microchip Technology MCP451 Datasheet HTML 38Page - Microchip Technology MCP451 Datasheet HTML 39Page - Microchip Technology MCP451 Datasheet HTML 40Page - Microchip Technology MCP451 Datasheet HTML 41Page - Microchip Technology MCP451 Datasheet HTML 42Page - Microchip Technology MCP451 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
 2003 Microchip Technology Inc.
DS40232H-page 39
MCRF450/451/452/455
EXAMPLE 9-4:
TO READ DATA FROM THE DEVICE
To read the content of Block 5 that has been programmed in the previous example, the Interrogator sends the following
command:
Calibration pulse + Read Command (‘110’) + Address (‘00101’) + Parity (‘0’)
= Calibration pulse + C50 (hex)
The gap positions in the 1-of-16 PPM signal for the above hex string are:
12 (C), 5 (5), 0 (0).
Device Response:
When the device receives the above Interrogator command, the device outputs the following 70 kHz Manchester
encoded data string (see Section 6.2.2 “Structure of Device Response”):
Preamble (8 bits) + Block number (5 bits, LSB first) + ‘000’ + Block Data (32 bits, LSB first) + SCRC (16 bits)
= 1-1-1-1-1-1-1-0 (f7) + 1-0-1-0-0-0-0-0 (5 0) + 1-1-1-1 0-1-1-1 1-0-1-1... 1-0-0-0
0-0-0-0
(f e d c 3 2 1 0) + 0-1-1-0 0-0-0-0 0-1-0-0 0-1-1-1 (602e).
EXAMPLE 9-5:
TO SEND THE “END PROCESS” COMMAND
The Interrogator command structure (see Section 6.2 “Anti-collision Command Controller”) for the End Process is:
Calibration pulse + End Process Command (‘111’) + Address (‘01010’) + Parity (1) = Calibration pulse + EA1 (hex)
The gap positions in the 1-of-16 PPM signal for the above hex string are:
14 (E), 10 (A), 1 (1).
Device Response:
The device outputs the 8-bit preamble (‘11111110’) when it receives the End Process command, and enters the
Sleeping Loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com