Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP451 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP451
Description  13.56 MHz Read/Write Passive RFID Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP451 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP451 Datasheet HTML 3Page - Microchip Technology MCP451 Datasheet HTML 4Page - Microchip Technology MCP451 Datasheet HTML 5Page - Microchip Technology MCP451 Datasheet HTML 6Page - Microchip Technology MCP451 Datasheet HTML 7Page - Microchip Technology MCP451 Datasheet HTML 8Page - Microchip Technology MCP451 Datasheet HTML 9Page - Microchip Technology MCP451 Datasheet HTML 10Page - Microchip Technology MCP451 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
 2003 Microchip Technology Inc.
DS40232H-page 7
MCRF450/451/452/455
TABLE 2-4:
PAD COORDINATES (MICRONS)
TABLE 2-5:
DIE MECHANICAL DIMENSIONS
TABLE 2-6:
WAFER MECHANICAL SPECIFICATIONS
Pad Name
Lower
Upper
Passivation Openings
Pad
Center X
Pad
Center Y
Left X
Left Y
Right X
Right Y
Pad Width
Pad Height
Ant. Pad A
-853.50
-992.10
-764.50
-903.10
89.00
89.00
-809.00
-947.60
Ant. Pad B
759.50
-993.70
848.50
-904.70
89.00
89.00
804.00
-949.20
V
SS
769.10
977.90
858.10
1066.90
89.00
89.00
813.60
1022.40
V
DD
-839.50
45.50
-750.50
134.50
89.00
89.00
-795.00
90.00
CLK
721.10
77.80
810.10
166.80
89.00
89.00
765.60
122.30
F
CLK
-821.50
910.70
-732.50
999.70
89.00
89.00
-777.00
955.20
Note 1:
All coordinates are referenced from the center of the die.
Specifications
Min
Typ
Max
Unit
Comments
Bond pad opening
—
—
3.5 x 3.5
89 x 89
—
—
mil
µm
Note 1, Note 2
Die backgrind thickness
7.5
190.5
8
203.2
8.5
215.9
mil
µm
Sawed 8” wafer on frame
(option = WF) (Note 3)
10
254
11
279.4
12
304.8
mil
µm
• Bumped, sawed 8” wafer
on frame (option = WFB)
• Unsawed wafer (option = W)
• Unsawed 8” bumped
wafer (option = WB), (Note 3)
Die passivation thickness (multilayer)
—
1.3
—
µm
Note 4
Die Size:
Die size X*Y before saw (step size)
Die size X*Y after saw
—
—
1904 x 2340.8
1840.5 x 2277.3
—
—
µm
µm
—
—
Note 1:
The bond pad size is that of the passivation opening. The metal overlaps the bond pad passivation by at
least 0.1 mil.
2:
Metal Pad Composition is 98.5% Aluminum with 1% Si and 0.5% Cu.
3:
As the die thickness decreases, susceptibility to cracking increases. It is recommended that the die be as
thick as the application will allow.
4:
The Die Passivation Thickness (1.3
µm) can vary by device depending on the mask set used. The
passivation is formed by:
- Layer 1: Oxide (undoped oxide)
- Layer 2: PSG (doped oxide)
- Layer 3: Oxynitride (top layer)
5:
The conversion rate is 25.4
µm/mil.
Notice: Extreme care is urged in the handling and assembly of die products since they are susceptible to
mechanical and electrostatic damage.
Specifications
Min
Typ
Max
Unit
Comments
Wafer Diameter
—
8
—
inch
Die separation line width
—
80
—
µm
Dice per wafer
—
6,600
—
die
Batch size
—
24
—
wafer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com