| Electronic Components Datasheet Search |
|
TAS2553 Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS2553 Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 58 page ![]() TAS2553 Host (Baseband / Apps Processor) SDA SCL MCLK BCLK WCLK DOUT DIN MCLK BCLK WCLK DIN SDA SCL OUT- OUT+ VSENSE- VSENSE+ Speaker Output SDA SCL MCLK BCLK WCLK DIN OUT- OUT+ VSENSE- VSENSE+ Speaker Output TAS2553 ADDR ADDR IOVDD DOUT DOUT 7-Bit I 2C Address: 0x40 7-Bit I 2C Address: 0x41 TAS2553 www.ti.com SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014 Figure 46. Stereo Configuration with Two TAS2553 DOUT Muxed in TDM Mode 7.4.3 PDM Mode Set Register 0x03, D(7:6) = 00 to place the TAS2553 audio interface into PDM mode. In PDM mode, the data stream is a continuous stream of undecimated pulse-modulated data that is 64x the sample rate. Because it is a continuous stream, frame synchronization is not required and WCLK is not used. Specifying clocks-per-frame is not required for PDM mode. The PDM input bit clock is IVCLKIN as set in Register 0x11, D(1:0). The TAS2553 can be configured for I2S input mode and PDM output mode. Figure 47 shows the timing diagram for PDM input mode. Timing specifications are listed in Table 9 and Table 10. The TAS2553 clocks PDM input data on either the rising edge or falling edge of IVCLKIN as set in Register 0x11, D(2). The device does not read concurrent data on both edges. Set the I2C register to read either rising clock edge or falling clock edge data. Copyright © 2013–2014, Texas Instruments Incorporated Submit Documentation Feedback 29 Product Folder Links: TAS2553 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |