Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS2553 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 1 Page - Texas Instruments

  TAS2553_15 Datasheet HTML 1Page - Texas Instruments TAS2553_15 Datasheet HTML 2Page - Texas Instruments TAS2553_15 Datasheet HTML 3Page - Texas Instruments TAS2553_15 Datasheet HTML 4Page - Texas Instruments TAS2553_15 Datasheet HTML 5Page - Texas Instruments TAS2553_15 Datasheet HTML 6Page - Texas Instruments TAS2553_15 Datasheet HTML 7Page - Texas Instruments TAS2553_15 Datasheet HTML 8Page - Texas Instruments TAS2553_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
OUT-
OUT+
PVDD
VBOOST
SW
Ferrite bead
(opt.)
VREG
VSENSE-
VSENSE+
+
-
Ferrite bead
(opt.)
To
Speaker
+
-
Enable
I2S
4
3
I2C
PDM CLK
Audio
Input
10 nF
2
VBAT
MCLK
TAS2553
22 uF
2.2 uH
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
1 Features
3 Description
The TAS2553 is a high efficiency Class-D audio
1
Analog or Digital Input Mono Boosted Class-D
power
amplifier
with
advanced
battery
current
Amplifier
management
and
an
integrated
Class-G
boost
2.8 W into 8
Ω Load from 3.6 V Supply (1%
converter.
The
device
constantly
measures
the
THD+N)
current and voltage across the load and provides a
digital stream of this information.
Efficiency of 86% at Rated Power
I2S, Left-Justified, Right-Justified, DSP, PDM, and
The Class-G boost converter generates the Class-D
TDM Input and Output Interface
amplifier supply rail. During low Class-D output
power, the boost improves efficiency by deactivating
Input Sample Rates from 8 kHz to 192 kHz
and connecting VBAT directly to the Class-D amplifier
High Efficiency Class-G Boost Converter
supply. When high power audio is required, the boost
Automatically Adjusts Class-D Supply
quickly activates to provide significantly louder audio
than a stand-alone amplifier connected directly to the
Built-In Speaker Sense
battery.
Measures Speaker Current and Voltage
The AGC automatically adjusts Class-D gain to
Measures VBAT and VBOOST Voltages
reduce battery current at end-of-charge voltages,
Built-In Automatic Gain Control (AGC)
preventing output clipping, distortion and early system
Limits Battery Current Consumption
shutdown. The fixed gain is adjustable via I2C. The
gain range is -7 dB to +24 dB in 1 dB steps.
Adjustable Class-D Switching Edge-Rate Control
Power Supplies
In addition to a differential mono analog input, the
TAS2553 has built-in a 16-bit D/A converter used with
Boost Input: 3.0 V to 5.5 V
a digital input. Moving the D/A converter from the
Analog: 1.65 V to 1.95 V
digital host processor into the integrated amplifier
Digital I/O: 1.5 V to 3.6 V
process provides better dynamic performance at
lower system cost. Additionally, since the PCB routing
Thermal and Short-Circuit Protection
is digital rather than analog, sensitivity to external
I2C Interface for Register Control
perturbations such as GSM frame-rate noise is
Stereo Configuration Using Two TAS2553s
decreased at the system level.
I2C Address Select Terminal (ADDR)
2.855 mm x 2.575 mm, 0.4 mm Pitch 30-Ball
Device Information
WCSP
ORDER NUMBER
PACKAGE
BODY SIZE
TAS2553YFF
WCSP (30)
2.855 mm x 2.575 mm
2 Applications
Mobile Phones
PND
Portable Audio Docks
Tablets
Gaming Devices
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TAS2553_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2553YFFR TI1-TAS2553YFFR Datasheet
1Mb / 58P
Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553YFFT TI1-TAS2553YFFT Datasheet
1Mb / 58P
Mono Audio Amplifier with Class-G Boost and Speaker Sense
More results

Similar Description - TAS2553_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2552 TI1-TAS2552 Datasheet
1Mb / 60P
Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI1-TAS2553 Datasheet
1Mb / 58P
Mono Audio Amplifier with Class-G Boost and Speaker Sense
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
TAS2560 TI1-TAS2560 Datasheet
1Mb / 80P
5.6-W Class-D Mono Audio Amplifier with IV Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2559 TI1-TAS2559 Datasheet
3Mb / 107P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com