Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS2553 Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS2553
Description  TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2553 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS2553_15 Datasheet HTML 44Page - Texas Instruments TAS2553_15 Datasheet HTML 45Page - Texas Instruments TAS2553_15 Datasheet HTML 46Page - Texas Instruments TAS2553_15 Datasheet HTML 47Page - Texas Instruments TAS2553_15 Datasheet HTML 48Page - Texas Instruments TAS2553_15 Datasheet HTML 49Page - Texas Instruments TAS2553_15 Datasheet HTML 50Page - Texas Instruments TAS2553_15 Datasheet HTML 51Page - Texas Instruments TAS2553_15 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
TAS2553
SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
www.ti.com
10 Layout
10.1 Layout Guidelines
•
Place the boost inductor between VBAT and SW close to device terminals with no VIAS between the device
terminals and the inductor.
•
Place the capacitor between VREG and VBOOST close to device terminals with no VIAS between the device
terminals and capacitor.
•
Place the capacitor between VBOOST/PVDD and GND close to device terminals with no VIAS between the
device terminals and capacitor.
•
Do not use VIAS for traces that carry high current. These include the traces for VBOOST, SW, PVDD and the
speaker OUT+, OUT-.
•
Use epoxy filled vias for the interior pads.
•
Connect VSENSE+, VSENSE- as close as possible to the speaker.
–
VSENSE+, VSENSE- should be connected between the EMI ferrite and the speaker if EMI ferrites are
used on OUT+, OUT-.
–
VSENSE+, VSENSE- should be connected between the EMI ferrite and the EMI capacitor if EMI
capacitors are used. EMI ferrites must be used if EMI capacitors are used on OUT+, OUT-.
•
If the analog inputs, IN+ and IN-, are:
–
used, analog input traces should be routed symmetrically for true differential performance.
–
used, do not run analog input traces parallel to digital lines.
–
used, they should be ac coupled.
–
not used, they should be shorted together.
•
Use a ground plane with multiple vias for each terminal to create a low-impedance connection to GND for
minimum ground noise.
•
Use supply decoupling capacitors as shown in Figure 51 and Figure 56 and described in Power Supply
Recommendations.
•
Place EMI ferrites, if used, close to the device.
48
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TAS2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com