Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1237 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1237
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1237 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1237 Datasheet HTML 12Page - Maxim Integrated Products MAX1237 Datasheet HTML 13Page - Maxim Integrated Products MAX1237 Datasheet HTML 14Page - Maxim Integrated Products MAX1237 Datasheet HTML 15Page - Maxim Integrated Products MAX1237 Datasheet HTML 16Page - Maxim Integrated Products MAX1237 Datasheet HTML 17Page - Maxim Integrated Products MAX1237 Datasheet HTML 18Page - Maxim Integrated Products MAX1237 Datasheet HTML 19Page - Maxim Integrated Products MAX1237 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
(FIFO) sequence. If AIN_/REF is set to be a reference
input or output (SEL1 = 1, Table 6), AIN_/REF is exclud-
ed from a multichannel scan. The memory contents can
be read continuously. If reading continues past the
result stored in memory, the pointer wraps around and
point to the first result. Note that only the current con-
version results is read from memory. The device must
be addressed with a read command to obtain new con-
version results.
The internal clock mode’s clock stretching quiets the
SCL bus signal reducing the system noise during con-
version. Using the internal clock also frees the bus
master (typically a microcontroller) from the burden of
running the conversion clock, allowing it to perform
other tasks that do not need to use the bus.
External Clock
When configured for external clock mode (CLK = 1),
the MAX1236–MAX1239 use the SCL as the conversion
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
16
______________________________________________________________________________________
B. SCAN MODE CONVERSIONS WITH INTERNAL CLOCK
S
1
SLAVE ADDRESS
A
71 1
R
CLOCK STRETCH
NUMBER OF BITS
P or Sr
1
8
RESULT 8 LSBs
8
RESULT 4 MSBs
A
A
1
A. SINGLE CONVERSION WITH INTERNAL CLOCK
S
1
SLAVE ADDRESS
71 1
R
CLOCK STRETCH
A
NUMBER OF BITS
P or Sr
1
8
RESULT 1 ( 4MSBs)
A
1
A
8
RESULT 1 (8 LSBs) A
8
RESULT N (8LSBs)
A
1
8
RESULT N (4MSBs)
SLAVE TO MASTER
MASTER TO SLAVE
CLOCK STRETCH
tACQ1
tCONV2
tACQ2
tCONVN
tACQN
tCONV
tACQ
1
1
tCONV1
Figure 10. Internal Clock Mode Read Cycles
SLAVE ADDRESS
tCONV1
tACQ1
tACQ2
tCONVN
tACQN
tCONV
tACQ
NUMBER OF BITS
NUMBER OF BITS
1
8
A
1
S
1
A
71 1
R
S
1
71 1
R
P OR Sr
1
8
A
1
A
8
A
8
B. SCAN MODE CONVERSIONS WITH EXTERNAL CLOCK
1
1
SLAVE ADDRESS
P OR Sr
RESULT (8 LSBs)
8
A
1
RESULT (4 MSBs)
A. SINGLE CONVERSION WITH EXTERNAL CLOCK
SLAVE TO MASTER
MASTER TO SLAVE
RESULT 1 (4 MSBs)
RESULT 2 (8 LSBs)
RESULT N (8 LSBs)
A
1
8
RESULT N (4 MSBs)
A
Figure 11. External Clock Mode Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com