Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1237 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1237
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1237 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1237 Datasheet HTML 5Page - Maxim Integrated Products MAX1237 Datasheet HTML 6Page - Maxim Integrated Products MAX1237 Datasheet HTML 7Page - Maxim Integrated Products MAX1237 Datasheet HTML 8Page - Maxim Integrated Products MAX1237 Datasheet HTML 9Page - Maxim Integrated Products MAX1237 Datasheet HTML 10Page - Maxim Integrated Products MAX1237 Datasheet HTML 11Page - Maxim Integrated Products MAX1237 Datasheet HTML 12Page - Maxim Integrated Products MAX1237 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Detailed Description
The MAX1236–MAX1239 analog-to-digital converters
(ADCs) use successive-approximation conversion tech-
niques and fully differential input track/hold (T/H) cir-
cuitry to capture and convert an analog signal to a
serial 12-bit digital output. The MAX1236/MAX1237 are
4-channel ADCs, and the MAX1238/MAX1239 are 12-
channel ADCs. These devices feature a high-speed, 2-
wire serial interface supporting data rates up to 1.7MHz.
Figure 2 shows the simplified internal structure for the
MAX1238/MAX1239.
Power Supply
The MAX1236–MAX1239 operates from a single supply
and consumes 670µA (typ) at sampling rates up to
94.4ksps. The MAX1237/MAX1239 feature a 2.048V
internal reference and the MAX1236/MAX1238 feature
a 4.096V internal reference. All devices can be config-
ured for use with an external reference from 1V to VDD.
Analog Input and Track/Hold
The MAX1236–MAX1239 analog-input architecture con-
tains an analog-input multiplexer (mux), a fully differen-
tial track-and-hold (T/H) capacitor, T/H switches, a
comparator, and a fully differential switched capacitive
digital-to-analog converter (DAC) (Figure 4).
In single-ended mode, the analog input multiplexer con-
nects CT/H between the analog input selected by
CS[3:0] (see the Configuration Setup Bytes section) and
GND (Table 3). In differential mode, the analog-input
multiplexer connects CT/H to the “+” and “-” analog
inputs selected by CS[3:0] (Table 4).
During the acquisition interval, the T/H switches are in
the track position and CT/H charges to the analog input
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
_______________________________________________________________________________________
9
ANALOG
INPUT
MUX
AIN1
AIN11/REF
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
AIN0
SCL
SDA
INPUT SHIFT REGISTER
SETUP REGISTER
CONFIGURATION REGISTER
CONTROL
LOGIC
REFERENCE
4.096V (MAX1238)
2.048V (MAX1239)
INTERNAL
OSCILLATOR
OUTPUT SHIFT
REGISTER
AND RAM
REF
T/H
12-BIT
ADC
VDD
GND
MAX1238
MAX1239
Figure 2. MAX1238/MAX1239 Simplified Functional Diagram
VDD
IOL
IOH
VOUT
400pF
SDA
Figure 3. Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com