Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTX Datasheet(PDF) 9 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 9 Page - RMT Ltd.

Back Button HTX Datasheet HTML 5Page - RMT Ltd. HTX Datasheet HTML 6Page - RMT Ltd. HTX Datasheet HTML 7Page - RMT Ltd. HTX Datasheet HTML 8Page - RMT Ltd. HTX Datasheet HTML 9Page - RMT Ltd. HTX Datasheet HTML 10Page - RMT Ltd. HTX Datasheet HTML 11Page - RMT Ltd. HTX Datasheet HTML 12Page - RMT Ltd. HTX Datasheet HTML 13Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
OPERATING MANUAL. HTX SERIES
Page 9 of 36
3.2 Preparations for working
You need to procure the following for working with the Sensors:
-
Mounting substance (i.e. tape, paste, or glue) to mount the Sensor in
your setup.
-
Read-out device (i.e. RMT DX8140 Datalogger, millivoltmeter,
ohmmeter), or third party read-out device. Note that the read-out
device must have passive input for Sensor and active input for
working with Pt1000 thermistor.
-
Device for Sensor self-calibration procedure. If RMT DX8140
Datalogger is procured, the procedure is available. Otherwise any
model of RMT Z-meters is suitable for that.
3.3 Sensor testing
Before mounting the Sensor must be tested as described in Chapter 6.
3.4 Sensor calibration
If necessary, or required for an application the Sensor can be calibrated by
the self-calibration procedure described in Chapter 10.
3.5 Mounting of the Sensor
Ensure that the mounting surface is flat, dry, and free of dust and grease.
Clean the Sensor surface with ethanol or isopropanol. Do not use acids or
alkali for cleaning the Sensor. Mount the Sensor using a mounting
substance. A detailed description of the Sensor mounting is given in
Chapter 6.
The common mounting scheme is advised in Fig. 4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com