Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTX Datasheet(PDF) 20 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 20 Page - RMT Ltd.

Back Button HTX Datasheet HTML 16Page - RMT Ltd. HTX Datasheet HTML 17Page - RMT Ltd. HTX Datasheet HTML 18Page - RMT Ltd. HTX Datasheet HTML 19Page - RMT Ltd. HTX Datasheet HTML 20Page - RMT Ltd. HTX Datasheet HTML 21Page - RMT Ltd. HTX Datasheet HTML 22Page - RMT Ltd. HTX Datasheet HTML 23Page - RMT Ltd. HTX Datasheet HTML 24Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
THERMOELECTRIC HEAT FLUX SENSORS
Page 20 of 36
7.
DATA ACQUISITION
The HTX Heat Flux Sensors’ output is an analog voltage signal. Depending
on the measurement task, the voltage signal can be in the μV to mV range.
To read-out the Sensor signal, three options are available: the DX8140
Datalogger, a voltmeter, or a third party read-out device. The following
section describes each option separately.
7.1 Datalogger DX8140
The DX8140 Datalogger is specifically developed for reliable and
straightforward heat flux measurements in combination with the HTX and
HFX Heat Flux Sensors. The DX8140 Datalogger works as a complete
solution with included software. The DX8140 Datalogger can be set to
measure either an analog voltage signal (in V) or heat flux signal (in W/m
2).
Please follow the Instruction Manual, which is available for the DX8140
Datalogger.
Applicability
The DX8140 Datalogger is compatible with all HTX Heat Flux Sensors with a
plug.
7.2 Voltmeter as a read-out device
Voltmeters are used for simple measurement tasks and/or for Sensor
functionality tests. In order to read the output voltage of the Sensor with
high accuracy, you need a voltmeter with high resolution. The resolution of
the heat flux measurement is limited by the voltmeter resolution and
noise. Table 1 demonstrates the relevance of voltmeter resolution.
The voltmeter resolution is the most critical feature when choosing the
optimal device. Due to the low electrical resistance of the Sensor, there
are no special requirements regarding the input resistance of the
voltmeter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com