Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTX Datasheet(PDF) 29 Page - RMT Ltd.

Part # HTX
Description  Operating Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

HTX Datasheet(HTML) 29 Page - RMT Ltd.

Back Button HTX Datasheet HTML 25Page - RMT Ltd. HTX Datasheet HTML 26Page - RMT Ltd. HTX Datasheet HTML 27Page - RMT Ltd. HTX Datasheet HTML 28Page - RMT Ltd. HTX Datasheet HTML 29Page - RMT Ltd. HTX Datasheet HTML 30Page - RMT Ltd. HTX Datasheet HTML 31Page - RMT Ltd. HTX Datasheet HTML 32Page - RMT Ltd. HTX Datasheet HTML 33Page - RMT Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
OPERATING MANUAL. HTX SERIES
Page 29 of 36
-
Property of thermoelectric material of the Sensor (Seebeck
coefficient). This parameter measured at standard temperature is
given in the Sensor Specification. Moreover, temperature
dependence of the parameter is also given in Specifications and
datasheets (Table 10.1).
-
Measurement of Figure-of-Merit Z and AC Resistance ACR of the
Sensor. The measurements can be done with use of DX8140
Datalogger or Z-meters of RMT, any model.
That is really a self-calibration method as it does not require any external
heat source. And it can be done at the user setup.
Table 10.1 Averaged (for pair of n- and p-types pellets) Seebeck coefficient
of thermoelectric Sensors
Typical value
a0, мкВ/К
A0
A1
A2
A3
T0, K
410
1
+1,291E-03
-8,647-06
+7,843E-08
300
Temperature range -40…+80 °С
Common formula
�������� = ��������0 × [(A2 × (���� − ����0 )2 + A1 × (���� − ����0) + A0)]
9.2 Measurement Scheme
The self-calibration is made by measurement of Figure-of-Merit and ACR
resistance of thermoelectric Heat Flux Sensor by the four-wire method
which is provided by four wires of the FET cable connected to the Sensor.
Fig. 10.1 Connection scheme for self-calibration procedure.
U
I
1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com