Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFP450LC Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP450LC
Description  Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP450LC Datasheet(HTML) 1 Page - International Rectifier

  IRFP450LC Datasheet HTML 1Page - International Rectifier IRFP450LC Datasheet HTML 2Page - International Rectifier IRFP450LC Datasheet HTML 3Page - International Rectifier IRFP450LC Datasheet HTML 4Page - International Rectifier IRFP450LC Datasheet HTML 5Page - International Rectifier IRFP450LC Datasheet HTML 6Page - International Rectifier IRFP450LC Datasheet HTML 7Page - International Rectifier IRFP450LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP450LC
HEXFET® Power MOSFET
PD - 9.1231
Revision 0
VDSS = 500V
RDS(on) = 0.40Ω
ID = 14A
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, V GS @ 10V
14
ID @ TC = 100°C
Continuous Drain Current, V GS @ 10V
8.6
A
IDM
Pulsed Drain Current
56
PD @TC = 25°C
Power Dissipation
190
W
Linear Derating Factor
1.5
W/°C
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
760
mJ
IAR
Avalanche Current
14
A
EAR
Repetitive Avalanche Energy
19
mJ
dv/dt
Peak Diode Recovery dv/dt
3.5
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Thermal Resistance
Ultra Low Gate Charge
Reduced Gate Drive Requirement
Enhanced 30V Vgs Rating
Reduced Ciss, Coss, Crss
Isolated Central Mounting Hole
Dynamic dv/dt Rated
Repetitive Avalanche Rated
This new series of Low Charge HEXFET Power MOSFETs achieve significantly
lower gate charge over conventional MOSFETs.
Utilizing advanced Hexfet
technology the device improvements allow for reduced gate drive requirements,
faster switching speeds and increased total system savings.
These device
improvements combined with the proven ruggedness and reliability of HEXFETs
offer the designer a new standard in power transistors for switching applications.
The TO-247 package is preferred for commercial-industrial applications where
higher power levels preclude the use of TO-220 devices. The TO-247 is similar
but superior to the earlier TO-218 package because of its isolated mounting hole.
Description
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
0.65
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.24
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
40
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFP450LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP450LC VISHAY-IRFP450LC Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFP450LC VISHAY-IRFP450LC Datasheet
1Mb / 11P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFP450LCPBF IRF-IRFP450LCPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFP450LCPBF VISHAY-IRFP450LCPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFP450LCPBF VISHAY-IRFP450LCPBF Datasheet
1Mb / 11P
Power MOSFET
31-Jan-2022
More results

Similar Description - IRFP450LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC IRF-IRC Datasheet
229Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP450N IRF-IRFP450N Datasheet
121Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.37ohm, Id=14A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRLI630G IRF-IRLI630G Datasheet
337Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=6.2A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com