Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL630 Datasheet (PDF) - International Rectifier

IRL630 Datasheet PDF - International Rectifier
Part # IRL630
Download  IRL630 Download

File Size   324.83 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)

IRL630 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL630 Datasheet PDF - International Rectifier

Part # IRL630
Download  IRL630 Click to download

File Size   324.83 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)

IRL630 Datasheet (HTML) - International Rectifier


IRL630 Product details

VDSS = 200V
RDS(on) = 0.40Ω
ID = 9.0A

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low onresistance and cost-effectiveness. The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.

● Dynamic dv/dt Rating
● Repetitive Avalanche Rated
● Logic-Level Gate Drive
● RDS(ON) Specified at VGS = 4V & 5V
● 150°C Operating Temperature
● Fast Switching
● Ease of paralleling




Similar Part No. - IRL630

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRL630 VISHAY-IRL630 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 17-Jul-08
logo
ARTSCHIP ELECTRONICS CO...
IRL630 ARTSCHIP-IRL630 Datasheet
494Kb / 7P
   HEXFET Power Mosfet
logo
Vishay Siliconix
IRL630 VISHAY-IRL630 Datasheet
1Mb / 9P
   Power MOSFET
01-Jan-2022
IRL630 VISHAY-IRL630 Datasheet
895Kb / 9P
   Power MOSFET
01-Jan-2022
logo
Fairchild Semiconductor
IRL630A FAIRCHILD-IRL630A Datasheet
224Kb / 7P
   Advanced Power MOSFET
More results


Similar Description - IRL630

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRC IRF-IRC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFI630G IRF-IRFI630G Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=5.9A)
IRLI630G IRF-IRLI630G Datasheet
337Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=6.2A)
IRHN7230 IRF-IRHN7230 Datasheet
513Kb / 14P
   TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF630SPBF IRF-IRF630SPBF Datasheet
986Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com