Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3FR-R66H Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E3FR-R66H
Description  Easy mounting photoelectric sensor in short M18 housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FR-R66H Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E3FR-R66H Datasheet HTML 9Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 10Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 11Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 12Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 13Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 14Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 15Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 16Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
Standard Photoelectric Sensors
Accessories
E39-R1S
Material:
ABS base,
acrylic surface
E38-R49
Material:
ABS base,
acrylic surface
E39-EL8
Material:
stainless steel
E39-EL9
(can be attached
to dia 12 mm
mounting rod)
Material:
stainless steel
Snap mount tool
Material:
ABS
34
40.3
52
59.9
2.7
8
1.6
7.5
7
Two, 3.5 dia.
34.5
12.6
7.4
32.8
6.5
~ 2-3
2.5
630
42
4.3
15.5
1.5
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 14 Dienstag, 15. April 2008 5:17 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com