Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3FR-R66H Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3FR-R66H
Description  Easy mounting photoelectric sensor in short M18 housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FR-R66H Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3FR-R66H Datasheet HTML 1Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 2Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 3Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 4Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 5Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 6Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 7Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 8Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
E3FZ/E3FR
Easy mounting photoelectric sensor in short M18 housing
E3FZ/E3FR
• Secure-click snap mounting for fast
installation
• High power LED for enhanced
sensing distance
• Short housing with less than
40 mm length
• Minimal optical axis deviation for easy
alignment
Features
Conventional
square sensors
Conventional
cylindrical
sensors
E3FZ with
SecureClick*
*SecureClick has been tested to withstand severe vibrations.
>>CLICK
2
1
The SecureClick snap mounting mechanism provides easy
installation in 2 steps and enhanced protection against vibration.
Easy and fast installation
Installation time can be reduced by up to 10 times compared to
conventional sensors.
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 1 Dienstag, 15. April 2008 5:17 17


Similar Part No. - E3FR-R66H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
E3F PHILIPS-E3F Datasheet
334Kb / 2P
VALVE FOR PORTABLE TRANSCEIVERS
logo
Omron Electronics LLC
E3F2 OMRON-E3F2 Datasheet
191Kb / 14P
M18 Cylindrical Photoelectric
E3F2-10B4 OMRON-E3F2-10B4 Datasheet
1Mb / 28P
Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-10B4 OMRON-E3F2-10B4 Datasheet
2Mb / 24P
Photoelectric Sensors E3F2
E3F2-10B4-M OMRON-E3F2-10B4-M Datasheet
2Mb / 24P
Photoelectric Sensors E3F2
More results

Similar Description - E3FR-R66H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2 OMRON-E3F2 Datasheet
191Kb / 14P
M18 Cylindrical Photoelectric
logo
FOTEK CONTROLS CO., LTD...
RTM FOTEK-RTM Datasheet
1Mb / 2P
M18 Ultra short tubular type Photo sensor
logo
Molex Electronics Ltd.
1202540122 MOLEX-1202540122 Datasheet
42Kb / 1P
Contrinex Photoelectric Sensor, M18 Plastic Housing, Through-Beam (Emitter), 2m 3-wire PVC Cable, 33mm Housing Length
02/24/2022
1202540123 MOLEX-1202540123 Datasheet
43Kb / 1P
Contrinex Photoelectric Sensor, M18 Plastic Housing, Through-Beam (Emitter), 4-pin M12 Connector, 37mm Housing Length
02/24/2022
1202540147 MOLEX-1202540147 Datasheet
39Kb / 1P
Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Receiver), PNP, Changeover, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540148 MOLEX-1202540148 Datasheet
38Kb / 1P
Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Emitter), 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022
1202540149 MOLEX-1202540149 Datasheet
37Kb / 1P
Contrinex Photoelectric Sensor, M18 Housing, Through-Beam (Emitter), 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540151 MOLEX-1202540151 Datasheet
38Kb / 1P
Contrinex Photoelectric Sensor, M18 Housing, Reflex, PNP, Dark-ON, 2m 3-wire PVC Cable, 50mm Housing Length
02/24/2022
1202540152 MOLEX-1202540152 Datasheet
39Kb / 1P
Contrinex Photoelectric Sensor, M18 Housing, Reflex, NPN, Dark-ON, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202540153 MOLEX-1202540153 Datasheet
39Kb / 1P
Contrinex Photoelectric Sensor, M18 Housing, Reflex, PNP, Dark-ON, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com