Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3FR-R66H Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3FR-R66H
Description  Easy mounting photoelectric sensor in short M18 housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FR-R66H Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3FR-R66H Datasheet HTML 3Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 4Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 5Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 6Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 7Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 8Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 9Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 10Page - Omron Electronics LLC E3FR-R66H Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
E3FZ/E3FR
Specification
Item
Background suppression (BGS)
E3FZ-LS
@1H / E3FR-LS@1H
E3FZ-LS
@6H / E3FR-LS@6H
E3FZ-LS
@4H / E3FR-LS@4H
E3FZ-LS
@9H / E3FR-LS@9H
Sensing distance
10 to 100 mm (White paper 100x100 mm)
10 to 200 mm (White paper 100x100 mm)
Spot diameter
4 mm dia. at sensing distance of 100 mm
18 mm dia. at sensing distance of 200 mm
Standard sensing object
–
Differential travel
3% of sensing distance max.
20% of sensing distance max.
Black/white error
5% of sensing distance max.
20% of sensing distance max.
Directional angle
–
Light source (wave length)
Red LED (650 nm)
Red LED (660 nm)
Power supply voltage
10 to 30 VDC, including 10% ripple(p-p)
Current consumption
25 mA max.
Control output
Load power supply voltage; 30 VDC max., Load current; 100 mA max. (Residual voltage; 2 V max.),
Light-on/Dark-on selectable by wire,
E3F
@-LS6: NPN open-collector output
E3F
@-LS8: PNP open-collector output
Protective circuits
Power supply reverse polarity protection, output short-circuit protection,
mutual interference prevention and reversed output polarity protection
Response time
Operate and reset; 1 ms max.
Sensitivity adjustment
–
Ambient illumination
(receiver side)
Incandescent lamp; 3000 lx max., Sunlight 10000 lx max.
Ambient temperature
Operating; -25 to +55°C, Storage; -40 to +70°C (with no icing or condensation)
Ambient humidity
Operating; 35 to 85%RH, Storage; 35 to 95%RH (with no condensation)
Insulation resistance
20M
Ω min. at 500 VDC
Dielectric resistance
1000 VAC at 50/60 Hz for 1 min
Vibration resistance
Destruction; 10 to 55 Hz, 1.5 mm double amplitude for 2 hours, each in X, Y and Z directions
Shock resistance
Destruction; 500m/s2, 3 times, each in X, Y and Z directions
Degree of protection *1
*1.
The IP69k test according to DIN 40 050 part 9 is intended to simulate high pressure/steam cleaning. During the test 14-16 l/min water
at 80ºC is sprayed onto the sensor from different angles with 8000-10000 kPa. The sensor may not suffer any damaging effects from
high pressure water in appearance and functionality.
IEC 60529 IP67, IP69K after DIN 40050-9
Connection method
Pre-wired cable (standard length 2m), Standard M12 connector
Indicator
Operation indicator: yellow, stability indicator: green
Weight
(packed state)
Pre-wired
approx.60g
Standard
connector
approx.20g
Material
Case
ABS
Cover-lens
Plate-window
PMMA
Accessories
Instruction sheet, 2x M18 nuts, snap mounting tool (E3FZ only).
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 7 Dienstag, 15. April 2008 5:17 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com